Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT10P65A2Q Datasheet(PDF) 6 Page - Micon Design Technology Corporation

Part # MDT10P65A2Q
Description  8-bit micro-controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P65A2Q Datasheet(HTML) 6 Page - Micon Design Technology Corporation

Back Button MDT10P65A2Q Datasheet HTML 2Page - Micon Design Technology Corporation MDT10P65A2Q Datasheet HTML 3Page - Micon Design Technology Corporation MDT10P65A2Q Datasheet HTML 4Page - Micon Design Technology Corporation MDT10P65A2Q Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P65A2Q Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P65A2Q Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P65A2Q Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P65A2Q Datasheet HTML 9Page - Micon Design Technology Corporation MDT10P65A2Q Datasheet HTML 10Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MDT10P65
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 6
2005/10
Ver. 1.6
00
Indirect addressing register
01
Timer0 register
02
Program counter low byte
03
Status register
Bit 0 : Carry
1 : Digit carry
2 : Zero flag
3 : Power-down
4 : WDT time-out
5 : Register bank select (For direct addressing)
=0 Bank 0 (00h-7Fh)
=1 Bank 1 (80h-FFh)
7-6 : Always read as zero.
04
Memory select register
05
Port A data register
06
Port B data register
07
Port C data register
08
Port D data register
09
Port E data register
Bit 2-0 – Port E data register.
7-3 – Unimplemented. Always set as 0.
0A
Program memory segment register
0B
Interrupt control register
Bit 0 – PB port change interrupt flag bit.
1 – PB0/IRQ external interrupt flag bit.
2 – Timer0 overflow interrupt flag bit.
3 – PB port change interrupt enable bit.
4 – PB0/IRQ external interrupt enable bit.
5 – Timer0 overflow interrupt enable bit.
6 – Peripheral interrupt enable bit.
7 – Global interrupt enable bit.
0C
Peripheral interrupt flag register 1.
Bit 0 – Timer1 overflow interrupt flag bit
7-1 – Unimplemented. Always read as 0.
0D
Peripheral interrupt flag register 2.
Bit 6-0 – Unimplemented. Read as zero.
7 – PD port change interrupt flag bit
0E
Timer1 data register low byte.


Similar Part No. - MDT10P65A2Q

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P65 MDTIC-MDT10P65 Datasheet
172Kb / 14P
   8-bit micro-controller
MDT10P651 MDTIC-MDT10P651 Datasheet
397Kb / 22P
   MDT10P651
MDT10P65 MDTIC-MDT10P65_11 Datasheet
172Kb / 14P
   8-bit micro-controller
More results

Similar Description - MDT10P65A2Q

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com