Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT10P43P21 Datasheet(PDF) 5 Page - Micon Design Technology Corporation

Part # MDT10P43P21
Description  8-bit Micro-controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P43P21 Datasheet(HTML) 5 Page - Micon Design Technology Corporation

  MDT10P43P21 Datasheet HTML 1Page - Micon Design Technology Corporation MDT10P43P21 Datasheet HTML 2Page - Micon Design Technology Corporation MDT10P43P21 Datasheet HTML 3Page - Micon Design Technology Corporation MDT10P43P21 Datasheet HTML 4Page - Micon Design Technology Corporation MDT10P43P21 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P43P21 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P43P21 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P43P21 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P43P21 Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MDT10P43
This specification is subject to be changed without notice. Please visit our web site for the most updated information.
http://www.mdtic.com.tw
5 of 10
2005.8 Ver. 1.3
8. Reset Condition for all Registers
Register
Address
Power-On Reset
IAR
00h
PC
02h
1111 1111
STATUS
03h
0001 1xxx
MSR
04h
111x xxxx
PB Output data
06h
1111 1110
Note : “ x “=unknown, “ – “=unimplemented, read as “0”
10. Instruction Set
Instruction Code
Mnemonic
Operands
Function
Operating
Status
010000 00000000
NOP
No operation
None
010000 00000010
SLEEP
Sleep mode
0→WT,
stop OSC
TF, PF
010000 00000100
RET
Return
Stack→PC
None
010000 00000rrr
CPIO
R
Control I/O port register
W→CPIO
r
None
010001 1rrrrrrr
STWR
R
Store W to register
W→R
None
011000 trrrrrrr
LDR R, t
Load register
R→t
Z
111010 iiiiiiii
LDWI
I
Load immediate to W
I→W
None
010111 trrrrrrr
SWAPR R, t
Swap halves register
[R(0~3)
R(4~7)]→t
None
011001 trrrrrrr
INCR R, t
Increment register
R + 1→t
Z
011010 trrrrrrr
INCRSZ R, t
Increment register, skip if zero
R + 1→t
None
011011 trrrrrrr
ADDWR R, t
Add W and register
W + R→t
C, HC, Z
011100 trrrrrrr
SUBWR R, t
Subtract W from register
R ﹣W→t
(R+/W+1→t)
C, HC, Z
011101 trrrrrrr
DECR R, t
Decrement register
R ﹣1→t
Z
011110 trrrrrrr
DECRSZ R, t
Decrement register, skip if zero
R ﹣1→t
None
010010 trrrrrrr
ANDWR R, t
AND W and register
R ∩ W→t
Z
110100 iiiiiiii
ANDWI
i
AND W and immediate
i ∩ W→W
Z
010011 trrrrrrr
IORWR R, t
Inclu. OR W and register
R ∪ W→t
Z
110101 iiiiiiii
IORWI
i
Inclu. OR W and immediate
i ∪ W→W
Z
010100 trrrrrrr
XORWR R, t
Exclu. OR W and register
R
♁ W→t
Z


Similar Part No. - MDT10P43P21

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P43 MDTIC-MDT10P43 Datasheet
345Kb / 10P
   8-bit Micro-controller
MDT10P432 MDTIC-MDT10P432 Datasheet
206Kb / 13P
   8-bit Micro-controller
MDT10P432P11 MDTIC-MDT10P432P11 Datasheet
206Kb / 13P
   8-bit Micro-controller
MDT10P432P13 MDTIC-MDT10P432P13 Datasheet
206Kb / 13P
   8-bit Micro-controller
MDT10P432P21 MDTIC-MDT10P432P21 Datasheet
206Kb / 13P
   8-bit Micro-controller
More results

Similar Description - MDT10P43P21

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com