Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT10P23CC Datasheet(PDF) 6 Page - Micon Design Technology Corporation

Part # MDT10P23CC
Description  8-bit micro-controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P23CC Datasheet(HTML) 6 Page - Micon Design Technology Corporation

Back Button MDT10P23CC Datasheet HTML 2Page - Micon Design Technology Corporation MDT10P23CC Datasheet HTML 3Page - Micon Design Technology Corporation MDT10P23CC Datasheet HTML 4Page - Micon Design Technology Corporation MDT10P23CC Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P23CC Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P23CC Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P23CC Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P23CC Datasheet HTML 9Page - Micon Design Technology Corporation MDT10P23CC Datasheet HTML 10Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MDT10P23(CC )
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 6
2005/6
Ver. 1.4
(5) MSR (Memory Select Register) : R4
Memory Select Register :
00 : 10~1F
01 : 30~3F
10 : 50~5F
11 : 70~7F
b7
b6
b5
b4
b3
b2
b1
b0
Read only “1”
Indirect Addressing Mode
(6) PORT A : R5
PA7~PA0, I/O Register for 22, 24 pins
PA5~PA0, I/O Register for 20 pins
PA3~PA0, I/O Register for 18 pins
(7) PORT B : R6
PB7~PB0, I/O Register
(8) CMR(Comparator Mode Register) : R7
Bit
Function
0
1
2
3
5:4
7:6
0: Define PA0 as TTL input
1: Define PA0 as comparator input
0: Define PA1 as TTL input
1: Define PA1 as comparator input
0: Define PA2 as TTL input
1: Define PA2 as comparator input
0: Define PA3 as TTL input
1: Define PA3 as comparator input
Reference Voltage select
00: 1/4 VDD
01: 1/2 VDD
10: 3/4 VDD
11: VREF (External pin and PA4 must be set to input)
Register bits


Similar Part No. - MDT10P23CC

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P23CF MDTIC-MDT10P23CF Datasheet
159Kb / 18P
   8-bit micro-controller
MDT10P23CF MDTIC-MDT10P23CF Datasheet
161Kb / 19P
   8-bit micro-controller
MDT10P23CFA1P MDTIC-MDT10P23CFA1P Datasheet
159Kb / 18P
   8-bit micro-controller
MDT10P23CFA1S MDTIC-MDT10P23CFA1S Datasheet
159Kb / 18P
   8-bit micro-controller
MDT10P23CFA2K MDTIC-MDT10P23CFA2K Datasheet
159Kb / 18P
   8-bit micro-controller
More results

Similar Description - MDT10P23CC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com