Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4369EBL-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4369EBL-T
Description  Dual, Rail-to-Rail, High-Output-Drive Op Amp in UCSP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4369EBL-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4369EBL-T Datasheet HTML 1Page - Maxim Integrated Products MAX4369EBL-T Datasheet HTML 2Page - Maxim Integrated Products MAX4369EBL-T Datasheet HTML 3Page - Maxim Integrated Products MAX4369EBL-T Datasheet HTML 4Page - Maxim Integrated Products MAX4369EBL-T Datasheet HTML 5Page - Maxim Integrated Products MAX4369EBL-T Datasheet HTML 6Page - Maxim Integrated Products MAX4369EBL-T Datasheet HTML 7Page - Maxim Integrated Products MAX4369EBL-T Datasheet HTML 8Page - Maxim Integrated Products MAX4369EBL-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Dual, Rail-to-Rail, High-Output-Drive
Op Amp in UCSP
_______________________________________________________________________________________
3
Note 3: All specifications are 100% tested at TA = +25°C; temperature limits are guaranteed by design.
Note 4: Guaranteed by design. Not production tested.
Note 5: Measurement bandwidth is 22Hz to 22kHz.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V, VCM = 0, VOUT = VCC/2, RL =
∞ connected to VCC/2, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Full-Power Bandwidth
FPBW
25
kHz
Phase Margin
PM
73
degrees
Gain Margin
GM
27
dB
Crosstalk
90
dB
Signal-to-Noise Ratio
SNR
VOUT = 1.5VRMS, AV = 1V/V (Note 5)
100
dB
Slew Rate
SR
1
V/µs
Settling Time
tS
Settling to 0.1%
10
µs
Input Capacitance
CIN
1pF
Input-Voltage Noise Density
en
f = 1kHz
40
nV/
√Hz
Input-Current Noise Density
in
f = 1kHz
1.5
pA/
√Hz
Capacitive-Load Stability
AV = -1V/V, no sustained oscillations
200
pF
To VCC
185
Short-Circuit Current
ISC
To GND
215
mA
Thermal Shutdown Threshold
165
°C
Thermal Shutdown Hysteresis
10
°C
Power-Up Time
tPU
25
µs
Typical Operating Characteristics
(THD + N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)
-180
-160
-120
-140
-100
-80
-60
-40
-20
0
20
60
40
80
GAIN AND PHASE vs. FREQUENCY
FREQUENCY (Hz)
100
100k
1M
10M
1k
10k
100M
VCC = 5V
AV = 1000V/V
-180
-160
-120
-140
-100
-80
-60
-40
-20
0
20
60
40
80
GAIN AND PHASE vs. FREQUENCY
FREQUENCY (Hz)
100
100k
1M
10M
1k
10k
100M
VCC = 5V
AV = 1000V/V
CL = 200pF
0
-20
-40
-60
-80
-100
-120
10
1k
10k
100k
100
1M
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
VCC = 5V


Similar Part No. - MAX4369EBL-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX436 MAXIM-MAX436 Datasheet
700Kb / 16P
   Wideband Trasconductance Amplifiers
Rev 1; 4/93
MAX4360EAX MAXIM-MAX4360EAX Datasheet
249Kb / 16P
   Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches
Rev 1; 12/99
MAX4360EAX MAXIM-MAX4360EAX Datasheet
444Kb / 17P
   Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches
2007
MAX4361 MAXIM-MAX4361 Datasheet
252Kb / 13P
   ADSL Drivers/Receivers for Customer Premise Equipment
Rev 0; 1/02
MAX4361ESA MAXIM-MAX4361ESA Datasheet
252Kb / 13P
   ADSL Drivers/Receivers for Customer Premise Equipment
Rev 0; 1/02
More results

Similar Description - MAX4369EBL-T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC7300 MICROCHIP-MIC7300 Datasheet
678Kb / 22P
   High-Output Drive Rail-to-Rail Op Amp
05/14/19
logo
Micrel Semiconductor
MIC7300 MICREL-MIC7300_05 Datasheet
68Kb / 12P
   High-Output Drive Rail-to-Rail Op Amp
logo
Analog Devices
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
   Dual Rail-to-Rail Output Op Amp
REV. C
logo
Micrel Semiconductor
MIC7300 MICREL-MIC7300 Datasheet
114Kb / 12P
   High-Output Drive Rail-to-Rail Op Amp Preliminary Information
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122_05 Datasheet
54Kb / 8P
   Rail-to-Rail Dual Op Amp
logo
Microchip Technology
MIC7122 MICROCHIP-MIC7122 Datasheet
934Kb / 22P
   Rail-to-Rail Dual Op Amp
05/14/19
logo
Linear Technology
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com