Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB15F73UV Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB15F73UV
Description  Dual Serial Input PLL Frequency Synthesizer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15F73UV Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB15F73UV Datasheet HTML 2Page - Fujitsu Component Limited. MB15F73UV Datasheet HTML 3Page - Fujitsu Component Limited. MB15F73UV Datasheet HTML 4Page - Fujitsu Component Limited. MB15F73UV Datasheet HTML 5Page - Fujitsu Component Limited. MB15F73UV Datasheet HTML 6Page - Fujitsu Component Limited. MB15F73UV Datasheet HTML 7Page - Fujitsu Component Limited. MB15F73UV Datasheet HTML 8Page - Fujitsu Component Limited. MB15F73UV Datasheet HTML 9Page - Fujitsu Component Limited. MB15F73UV Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
MB15F73UV
6
*
s ELECTRICAL CHARACTERISTICS
(VCC
= 2.4 V to 3.6 V, Ta = −40 °C to +85 °C)
(Continued)
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Power supply current
ICCIF *1
finIF
= 480 MHz
VCCIF
= 2.7 V
0.8
1.2
1.7
mA
ICCRF *1
finRF
= 2000 MHz
VCCRF
= 2.7 V
1.3
2.0
2.8
mA
Power saving current
IPSIF
PSIF
= PSRF = “L”
0.1 *2
10
µA
IPSRF
PSIF
= PSRF = “L”
0.1 *2
10
µA
Operating frequency
finIF *3
finIF
IF PLL
50
600
MHz
finRF *3
finRF
RF PLL
200
2250
MHz
OSCIN
fOSC
3
40
MHz
Input sensitivity
finIF
PfinIF
IF PLL, 50
Ω system
−15
+2dBm
finRF
PfinRF
RF PLL, 50
Ω system
−15
+2dBm
Input available voltage OSCIN
VOSC
0.5
1.5
VP
P
“H” level input voltage
Data
LE
Clock
VIH
Schmitt triger input
0.7 VCC
+ 0.4

V
“L” level input voltage
VIL
Schmitt triger input

0.3 VCC
− 0.4
V
“H” level input voltage
PSIF
PSRF
VIH
0.7 VCC

V
“L” level input voltage
VIL

0.3 VCC
V
“H” level input current
Data
LE
Clock
PS
IIH *4
−1.0
+1.0
µA
“L” level input current
IIL *4
−1.0
+1.0
µA
“H” level output voltage LD/
fout
VOH
VCC
= 2.7 V, IOH = −1 mA
VCC
− 0.4

V
“L” level output voltage
VOL
VCC
= 2.7 V, IOL = 1 mA

0.4
V
“H” level output voltage DoIF
DoRF
VDOH
VCC
= 2.7 V, IDOH = −0.5 mA
VCC
− 0.4

V
“L” level output voltage
VDOL
VCC
= 2.7 V, IDOL = 0.5 mA

0.4
V
High impedance cutoff
current
DoIF
DoRF
IOFF
VCC
= 2.7 V
VOFF
= 0.5 V to Vcc − 0.5 V

2.5
nA
“H” level output current LD/
fout
IOH *4
VCC
= 2.7 V

−1.0
mA
“L” level output current
IOL
VCC
= 2.7 V
1.0

mA


Similar Part No. - MB15F73UV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F73UL FUJITSU-MB15F73UL Datasheet
155Kb / 18P
   ASSP Dual Serial Input PLL Frequency Synthesizer
MB15F73UL FUJITSU-MB15F73UL Datasheet
265Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F73ULPFT FUJITSU-MB15F73ULPFT Datasheet
265Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F73ULPVA FUJITSU-MB15F73ULPVA Datasheet
265Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F73UL FUJITSU-MB15F73UL_01 Datasheet
265Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
More results

Similar Description - MB15F73UV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F02 FUJITSU-MB15F02 Datasheet
202Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F02SL FUJITSU-MB15F02SL Datasheet
228Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72SP FUJITSU-MB15F72SP Datasheet
286Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72UL FUJITSU-MB15F72UL Datasheet
279Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F74UV FUJITSU-MB15F74UV_04 Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB1519 FUJITSU-MB1519 Datasheet
133Kb / 16P
   DUAL SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB15F02L FUJITSU-MB15F02L Datasheet
266Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F03 FUJITSU-MB15F03 Datasheet
192Kb / 22P
   Dual Serial Input PLL Frequency Synthesizer
MB15F03L FUJITSU-MB15F03L Datasheet
273Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F07SL FUJITSU-MB15F07SL Datasheet
244Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F08SL FUJITSU-MB15F08SL Datasheet
239Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com