Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP9602KS Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP9602KS
Description  Dual, 12-Bit, Low Power Voltage Output D/A Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9602KS Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP9602KS Datasheet HTML 3Page - Sipex Corporation SP9602KS Datasheet HTML 4Page - Sipex Corporation SP9602KS Datasheet HTML 5Page - Sipex Corporation SP9602KS Datasheet HTML 6Page - Sipex Corporation SP9602KS Datasheet HTML 7Page - Sipex Corporation SP9602KS Datasheet HTML 8Page - Sipex Corporation SP9602KS Datasheet HTML 9Page - Sipex Corporation SP9602KS Datasheet HTML 10Page - Sipex Corporation SP9602KS Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SP9602DS/02
SP9602 Dual, 12-Bit, Low Power Voltage Output D/A Converter
© Copyright 1999 Sipex Corporation
7
Figure 2. Transfer Function
calibrate a circuit, by taking full scale or zero scale
readings for both DAC’s; Figure 3, bottom.
Zeroing DAC Outputs
While keeping XFER pin high, the DAC outputs can
be set to zero volts two different ways. The first
involvestheCLRandWR2pins. Innormaloperation,
the CLR pin is tied high, thus, disabling the clear
function. By cycling WR2 and CLR through "1"—
"0"—"1" sequence, a digital code of 1000 0000 0000
iswrittentobothDACregisters,producingahalfscale
output or zero volts. The second utilizes the built in
power-on-reset. Using this feature, the SP9602 can
be configured such that during power-up, the second
register will be digitally “zeroed”, producing a zero
volt output at each of the DAC outputs. This is
achievedbypoweringtheunitupwithXFERinahigh
state. Thus,withnoexternalcircuitry,theSP9602can
be powered up with the analog outputs at a known,
zero volt output level.
Temporarily Forcing
Both DAC Outputs to OV
Set WRI=1, CS=1, WR2=0, XFER=0. The DAC
registerscanbetemporarilyforcedto100000000000
bybringingtheCLRpinlow.ThiswillcausetheDAC
outputs to 0V, while the CLR pin remains low. When
the CLR pin is brought back high, the digital code at
the DAC registers will again appear at the DAC's
digital inputs, and the analog outputs will return to
their previous values.
VIn
+
VOut
D
VOut =
–1 x VIn
D
2048
(
)
VDAC =x VIn
D
4,096
VDAC
A
CS
WR1
B1/B2
WR2
XFER
CLR
FUNCTION
0
1
1
X
X
Address DAC 1 and load input register
0
0
1
X
X
Address DAC 1 and load 4 LSBs
1
1
1
X
X
Address DAC 2 and load input register
1
0
1
X
X
Address DAC 2 and load 4 LSBs
X
**
**
X
1
Transfer data from input registers to DAC registers
X
1
1
X
0
0
Temporarily force both DAC output voltages to
OV, while CLR is low.
X
X
X
X
1
Sets all DAC output voltages to 0V
X
1
XXXXX
Invalid state with any other control line active
X
X
1
XXXX
Invalid state with any other control line active
X = Don’t care; ** = Don’t care; however, CS and WR1 = 1 will inhibit changes to the input registers.


Similar Part No. - SP9602KS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9600 SIPEX-SP9600 Datasheet
166Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9600AN SIPEX-SP9600AN Datasheet
166Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9600AS SIPEX-SP9600AS Datasheet
166Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9600BN SIPEX-SP9600BN Datasheet
166Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9600BS SIPEX-SP9600BS Datasheet
166Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
More results

Similar Description - SP9602KS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9601 SIPEX-SP9601 Datasheet
160Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9600 SIPEX-SP9600 Datasheet
166Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9502 SIPEX-SP9502 Datasheet
230Kb / 11P
   Dual, 12-Bit, Voltage Output D/A Converter
SP9604 SIPEX-SP9604 Datasheet
185Kb / 11P
   Quad, 12-Bit, Low Power Voltage Output D/A Converter
SP9501 SIPEX-SP9501 Datasheet
159Kb / 9P
   12-Bit, Voltage Output D/A Converter
SP9500 SIPEX-SP9500 Datasheet
157Kb / 9P
   12-Bit, Voltage Output D/A Converter
SP9504 SIPEX-SP9504 Datasheet
184Kb / 11P
   Quad, 12-Bit, Voltage Output D/A Converter
logo
Analog Devices
AD370 AD-AD370_15 Datasheet
1Mb / 5P
   COMPLETE LOW POWER 12 BIT D/A CONVERTER
logo
Maxim Integrated Produc...
MAX170 MAXIM-MAX170 Datasheet
453Kb / 12P
   Serial Output 5.6us 12-Bit A/D Converter
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com