Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP9602 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP9602
Description  Dual, 12-Bit, Low Power Voltage Output D/A Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9602 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP9602 Datasheet HTML 3Page - Sipex Corporation SP9602 Datasheet HTML 4Page - Sipex Corporation SP9602 Datasheet HTML 5Page - Sipex Corporation SP9602 Datasheet HTML 6Page - Sipex Corporation SP9602 Datasheet HTML 7Page - Sipex Corporation SP9602 Datasheet HTML 8Page - Sipex Corporation SP9602 Datasheet HTML 9Page - Sipex Corporation SP9602 Datasheet HTML 10Page - Sipex Corporation SP9602 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SP9602DS/02
SP9602 Dual, 12-Bit, Low Power Voltage Output D/A Converter
© Copyright 1999 Sipex Corporation
8
H
L
H
L
H
L
CLR
XFER
WR2
140ns, t
H
L
H
L
H
L
WR2
CS
WR1
140ns, t
Data Transfer from
Input Register to DAC's
Loads Input Data to
First Set of Latches
WR
XFER
Figure 4. Timing
Figure 3. Latch Control Options — (Top) Semi–Transparent Latch Mode; (Bottom) Fully–Transparent Latch Mode
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
N.C.
VOUT2
VSS
VDD
CLR
REF IN 2
GND
B1/B2
A
REF IN1
XFER
WR2
WR1
CS
N.C.
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
VOUT1
SP9602
+5V –5V
12–Bit
Data
Bus
VOUT2
VOUT1
+3V
References GND
Address
Decode &
Control
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
N.C.
VOUT2
VSS
VDD
CLR
REF IN 2
GND
B1/B2
A
REF IN1
XFER
WR2
WR1
CS
N.C.
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
VOUT1
SP9602
+5V –5V
12–Bit
Data
Bus
VOUT2
VOUT1
+3V
References GND
Address
Decode &
Control
DAC Strobe


Similar Part No. - SP9602

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9600 SIPEX-SP9600 Datasheet
166Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9600AN SIPEX-SP9600AN Datasheet
166Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9600AS SIPEX-SP9600AS Datasheet
166Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9600BN SIPEX-SP9600BN Datasheet
166Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9600BS SIPEX-SP9600BS Datasheet
166Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
More results

Similar Description - SP9602

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9601 SIPEX-SP9601 Datasheet
160Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9600 SIPEX-SP9600 Datasheet
166Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9502 SIPEX-SP9502 Datasheet
230Kb / 11P
   Dual, 12-Bit, Voltage Output D/A Converter
SP9604 SIPEX-SP9604 Datasheet
185Kb / 11P
   Quad, 12-Bit, Low Power Voltage Output D/A Converter
SP9501 SIPEX-SP9501 Datasheet
159Kb / 9P
   12-Bit, Voltage Output D/A Converter
SP9500 SIPEX-SP9500 Datasheet
157Kb / 9P
   12-Bit, Voltage Output D/A Converter
SP9504 SIPEX-SP9504 Datasheet
184Kb / 11P
   Quad, 12-Bit, Voltage Output D/A Converter
logo
Analog Devices
AD370 AD-AD370_15 Datasheet
1Mb / 5P
   COMPLETE LOW POWER 12 BIT D/A CONVERTER
logo
Maxim Integrated Produc...
MAX170 MAXIM-MAX170 Datasheet
453Kb / 12P
   Serial Output 5.6us 12-Bit A/D Converter
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com