Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8503KN Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP8503KN
Description  12-Bit Sampling A/D Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8503KN Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP8503KN Datasheet HTML 4Page - Sipex Corporation SP8503KN Datasheet HTML 5Page - Sipex Corporation SP8503KN Datasheet HTML 6Page - Sipex Corporation SP8503KN Datasheet HTML 7Page - Sipex Corporation SP8503KN Datasheet HTML 8Page - Sipex Corporation SP8503KN Datasheet HTML 9Page - Sipex Corporation SP8503KN Datasheet HTML 10Page - Sipex Corporation SP8503KN Datasheet HTML 11Page - Sipex Corporation SP8503KN Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
53
Figure 7. Conversion Start Timing
R/C
BUSY
Data
BUS
CS or
HBE
Data Valid
Hi-Z State
tS
tH
tW
tDBC
tHDR and tHL
ORDERING INFORMATION
0
°C to +70°C
Model
Throughput
Package
SP8503KN .................................................................... 333kHz ................................................................................................ 28–pin 0.3" Plastic DIP
SP8503KS .................................................................... 333kHz ........................................................................................................ 28–pin, 0.3" SOIC
SP8505KN .................................................................... 200kHz ................................................................................................ 28–pin 0.3" Plastic DIP
SP8505KS .................................................................... 200kHz ........................................................................................................ 28–pin, 0.3" SOIC
SP8510KN .................................................................... 100kHz ................................................................................................ 28–pin 0.3" Plastic DIP
SP8510KS .................................................................... 100kHz ........................................................................................................ 28–pin, 0.3" SOIC


Similar Part No. - SP8503KN

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SP85 AMPHENOL-SP85 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
SP85-A-A-202 AMPHENOL-SP85-A-A-202 Datasheet
97Kb / 4P
   Ultra-stable Probe Thermistors
SP85-A-B-202 AMPHENOL-SP85-A-B-202 Datasheet
97Kb / 4P
   Ultra-stable Probe Thermistors
SP85-A-D-202 AMPHENOL-SP85-A-D-202 Datasheet
97Kb / 4P
   Ultra-stable Probe Thermistors
SP85-A-E-202 AMPHENOL-SP85-A-E-202 Datasheet
97Kb / 4P
   Ultra-stable Probe Thermistors
More results

Similar Description - SP8503KN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-235 MURATA-PS-ADS-235 Datasheet
406Kb / 8P
   12-Bit, 5MHz and 9MHz Sampling A/D Converters
logo
Linear Technology
LTC1273 LINER-LTC1273_15 Datasheet
327Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1273 LINER-LTC1273_1 Datasheet
321Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com