Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS3140B-3Q Datasheet(PDF) 4 Page - Sipex Corporation

Part # HS3140B-3Q
Description  14-Bit Multiplying DACs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS3140B-3Q Datasheet(HTML) 4 Page - Sipex Corporation

  HS3140B-3Q Datasheet HTML 1Page - Sipex Corporation HS3140B-3Q Datasheet HTML 2Page - Sipex Corporation HS3140B-3Q Datasheet HTML 3Page - Sipex Corporation HS3140B-3Q Datasheet HTML 4Page - Sipex Corporation HS3140B-3Q Datasheet HTML 5Page - Sipex Corporation HS3140B-3Q Datasheet HTML 6Page - Sipex Corporation HS3140B-3Q Datasheet HTML 7Page - Sipex Corporation HS3140B-3Q Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
162
PIN ASSIGNMENTS…
Pin 1 – IO
1 – Current Output 1.
Pin 2 – IO
2 – Current Output 2.
Pin 3 – GND – Ground.
Pin 4 – DB
13 – MSB, Data Bit 1.
Pin 5 – DB
12 – Data Bit 2.
Pin 6 – DB
11 – Data Bit 3.
Pin 7 – DB
10 – Data Bit 4.
Pin 8 – DB
9 – Data Bit 5.
Pin 9 – DB
8 – Data Bit 6.
Pin 10 – DB
7 – Data Bit 7.
Pin 11 – DB
6 – Data Bit 8.
Pin 12 – DB
5 – Data Bit 9.
Pin 13 – DB
4 – Data Bit 10.
Pin 14 – DB
3 – Data Bit 11.
Pin 15 – DB
2 – Data Bit 12.
Pin 16 – DB
1 – Data Bit 13.
Pin 17 – DB
0 – LSB, Data Bit 14.
Pin 18 – V
DD – Positive Supply Voltage.
Pin 19 – V
REF – Reference Voltage Input.
Pin 20 – R
FB – Feedback Resistor.
PRINCIPLES OF OPERATION
TheSP7514/HS3140achievehighaccuracybyusing
a decoded or segmented DAC scheme to implement
this function. The following is a brief description of
this approach.
The most common technique for building a D/A
converter of n bits is to use n switches to turn n current
or voltage sources on or off. The n switches and n
sourcesaredesignedsothateachswitchorbitcontrib-
utestwiceasmuchtotheD/Aconverter’soutputasthe
preceding bit. This technique is commonly known as
binary weighting and allows an n-bit converter to
generate 2n output levels by turning on the proper
combination of bits.
In such binary-weighted converter, the switch
with the smallest contribution (the LSB) accounts
for only 2-n of the converter’s full-scale value.
Similarly, the switch with the largest contribution
(theMSB)accountsfor2-1orhalfoftheconverter’s
full-scale output. Thus it is easy to see that a given
percent change in the MSB will have a greater
effect on the converter’s output than would a
similar percent change in the LSB. For example, a
1% change in the LSB of a 10 bit converter would
only affect the output by 0.001% of full-scale. A
1% change in the MSB of the same converter
would affect the output by 0.5% of FSR.
In order to overcome the problem which results from
the large weighting of the MSB, the two MSB’s can
be decoded to three equally weighted sources. Table
1 shows that all combinations of the two MSB’s of a
converter result in four output levels. So by replacing
the two MSB’s with three bits equally weighted at 1/
4 full-scale and decoding the two MSB digital inputs
into three lines which drive the equally weighted bits,
the same functional performance can be obtained.
ThusbyreplacingthetwoMSBswitchesofaconven-
tional converter with three switches properly de-
coded, the contribution of any switch is reduced from
1/2to1/4.Thisreductioninsensitivityalsoreducesthe
FEATURES…
The SP7514 and HS3140 are precision 14-bit multi-
plying DACs. The DACs are implemented as a one-
chip CMOS circuit with a resistor ladder network.
Three output lines are provided on the DACs to allow
unipolar and bipolar output connection with a mini-
mum of external components. The feedback resistor
is internal. The resistor ladder network termination is
externally available, thus eliminating an external re-
sistor for the 1 LSB offset in bipolar mode.
The SP7514 is available for use in commercial and
industrial temperature ranges, packaged in a 20-pin
SOIC. The HS3140 is available in commercial
and military temperature ranges, packaged in a
20–pin side–brazed DIP. For product processed
and screened to the requirements of MIL–M–
38510 and MIL–STD–883C, please consult the
factory (HS3140B only).
Figure 1. SP7514/HS3140 Equivalent Output Circuit
+
EO
Cf
C
Rp
Rf
CO
Ri
VREF


Similar Part No. - HS3140B-3Q

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
HS3140B-3Q SIPEX-HS3140B-3Q Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
More results

Similar Description - HS3140B-3Q

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
logo
Analog Devices
AD5444 AD-AD5444 Datasheet
625Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs
logo
Sipex Corporation
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
   16-Bit Multiplying DACs
logo
Linear Technology
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
logo
Analog Devices
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
logo
Linear Technology
LTC1596 LINER-LTC1596_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1595 LINER-LTC1595 Datasheet
299Kb / 12P
   Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
logo
Analog Devices
AD5444YRMZ AD-AD5444YRMZ Datasheet
726Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5444YRM-REEL AD-AD5444YRM-REEL Datasheet
726Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com