Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNJ717W80RAS Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LNJ717W80RAS
Description  TSS Tri-Color Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNJ717W80RAS Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LNJ717W80RAS Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unit: mm
1: Anode
2: Cathode
75
Unit
White Diffused
White Diffused
White Diffused
White Diffused
White Diffused
White Diffused
Pure Green
Soft Orange
Blue
Pure Green
Soft Orange
Blue
34
10.3
5
3.0
3.7
525
45
5
10
5
23
7
10
1.95
2.5
615
20
5
100
4
8.5
3.2
5
3.2
3.7
470
30
5
10
5
34
10.3
5
3.0
3.7
525
45
5
−−
23
7
10
1.95
2.5
615
20
5
100
4
8.5
3.2
5
3.2
3.7
470
30
5
−−
mcd
mcd
mA
V
V
nm
nm
mA
µAV
PD(mW)
Pure Green
Soft Orange
Blue
Pure Green
Soft Orange
Blue
40
55
40
40
55
40
10
20
10
10
20
10
50
60
50
50
60
50
5
4
5
5
4
5
−30 ∼ +85
−30 ∼ +85
−30 ∼ +85
−30 ∼ +85
−30 ∼ +85
−30 ∼ +85
−40 ∼ +100
Surface Mounting Chip LED
TSS Tri-Color Type
s Absolute Maximum Ratings (T
a = 25°C)
IF(mA) IFP(mA)VR(V) Topr(°C)
Tstg(°C)
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Lighting
Color
Lens Color
IO
VF
Typ
Min
Typ
IF
Max
Typ
Typ
IF
Max
VR
λ
P
∆λ
IR
Lighting Color
Conventional Part No.
Global Parts No.
Lighting Color
LNJ717W80RA ······· LNJ717W80RA ········ Pure Green/Soft Orange/Blue
LNJ717W80RAS ····· LNJ717W80RAS ····· Pure Green/Soft Orange/Blue
★IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
−40 ∼ +100
−40 ∼ +100
−40 ∼ +100
−40 ∼ +100
−40 ∼ +100
LNJ717W80RA
LNJ717W80RAS
IO Ta
500
300
30
50
100
10
0
−20
80
100
60
40
20
2.0
3.0
4.0
6.0
5.0
100
50
30
5
3
10
1
Directive Characteristics
IF VF
20
°
30
°
40
°
50
°
10
°
0
°
60
°
70
°
80
°
90
°
90
°
80
°
20
°
30
°
40
°
50
°
10
°
60
°
70
°
80
°
20
°
40
°
60
°
0
0
20
10
5
15
20
25
40
60
80
100
100
400
450
500
600
0
20406080
100
20
40
60
80
100
80
60
40
20
0
IF Ta
Relative Luminous Intensity
Wavelength Characteristics
Wavelength
Ambient Temperature
Relative Luminous Intensity
Forward Current
Forward Voltage
Ambient Temperature
3
1
5
10
50
100
30
300
100
50
5
10
IO IF
550
1.0
650
SoftOrange
SoftOrange
PureGreen
PureGreen
Blue
Blue
PureGreen
PureGreen
Blue
Blue
SoftOrange
SoftOrange
Blue
Blue
PureGreen
PureGreen
SoftOrange
SoftOrange
PureGreen
PureGreen
Blue
Blue
SoftOrange
SoftOrange
SoftOrange
SoftOrange
Blue
Blue
PureGreen
PureGreen
PureGreen
PureGreen
SoftOrange
SoftOrange
SoftOrange
SoftOrange
SoftOrange
SoftOrange
Blue
Blue
0.3
± 0.1
GaN(PG)
GaN(B)
SO
1.15
± 0.1
1.10
± 0.1
1.6
± 0.15
(0.21)
(0.15)
B
SO
PG
0.3
± 0.1
(Polarity Direction)
Common Anode
Pure Green
Common Anode
Soft Orange
Blue
1.15
± 0.1
1.10
± 0.1
1.6
± 0.15
(0.15)(0.15)
(0.22)
B
SO
PG
34
12


Similar Part No. - LNJ717W80RAS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNJ717W80RA PANASONIC-LNJ717W80RA Datasheet
109Kb / 3P
   Surface Mount LEDs
LNJ717W80RA1 PANASONIC-LNJ717W80RA1 Datasheet
109Kb / 3P
   Surface Mount LEDs
More results

Similar Description - LNJ717W80RAS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1313C ETC1-1313C Datasheet
1Mb / 17P
   TOP VIEW TYPE TRI-COLOR
logo
STANLEY ELECTRIC CO.,LT...
JRGB1316LS STANLEY-JRGB1316LS Datasheet
391Kb / 15P
   PLCC-6 Type Tri-color
logo
List of Unclassifed Man...
1313F ETC1-1313F Datasheet
1Mb / 17P
   RIGHT ANGLE TYPE TRI-COLOR
1314C ETC1-1314C Datasheet
1Mb / 17P
   TOP VIEW TYPE TRI-COLOR
QBLP600-RGB ETC1-QBLP600-RGB Datasheet
425Kb / 7P
   TRI COLOR LED
logo
SparkFun Electronics
DEV-08467 SPARKFUN-DEV-08467 Datasheet
99Kb / 1P
   LilyPad Tri-Color LED
10/12/2015
logo
STANLEY ELECTRIC CO.,LT...
ARGB1311GSE STANLEY-ARGB1311GSE Datasheet
263Kb / 19P
   PLCC-6 Type Tri-color Lead?밼ree soldering compatible
logo
Broadcom Corporation.
HSMF-C129 BOARDCOM-HSMF-C129 Datasheet
816Kb / 9P
   Tri-Color Top-Mount ChipLED
logo
STANLEY ELECTRIC CO.,LT...
CRGB1314ASE-TR STANLEY-CRGB1314ASE-TR Datasheet
740Kb / 30P
   RGB tri-color emitting LED
logo
Broadcom Corporation.
HSMF-C125 BOARDCOM-HSMF-C125 Datasheet
918Kb / 10P
   Tri-Color Surface-Mount ChipLED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com