Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4LC2M8S1-8TC Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS4LC2M8S1-8TC
Description  3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC2M8S1-8TC Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS4LC2M8S1-8TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC2M8S1-8TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC2M8S1-8TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC2M8S1-8TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC2M8S1-8TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC2M8S1-8TC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4LC2M8S1-8TC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4LC2M8S1-8TC Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4LC2M8S1-8TC Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
®
5/21/01; v.1.1
Alliance Semiconductor
P. 8 of 29
AS4LC2M8S1
AS4LC1M16S1
AC parameters common to all waveforms
Sym
Parameter
CAS
latency
–7
–8
–10
Unit
Notes
Min
Max
Min
Max
Min
Max
tAC CLK to valid output delay
3–
5.5
6
6
ns
6
2–
8.5
7
6
ns
6,8
1
18
22
22
ns
6,8
tAH Address hold time
1
1
1
ns
7
tAS
Address setup time
2
2
2
ns
7
tBDL Last data-in to burst stop
0
0
0
tCK
9
tCCD
Read/write command to
read/write command
1–
1
1
tCK
9
tCDL
Last data-in to new
column address delay
1–
1
1
tCK
9
tCH CLK high-level width
2.75
3
3
ns
7
tCK CLK cycle time
3
7
1000
8
1000
10
1000
ns
10
2
8.7
1000
10
1000
12
1000
ns
10
1
20
1000
25
1000
25
1000
ns
10
tCKED
CKE to CLOCK disable or
power-down entry mode
1–
1
1
tCK
tCKH CKE hold time
1
1
1
ns
tCKS CKE setup time
2
2
2
ns
tCL
CLK low-level width
2.75
3
3.5
ns
7
tCMH
CS, RAS, CAS, WE, DQM
hold time
1–
1
1
ns
tCMS
CS, RAS, CAS, WE, DQM
setup time
2–
2
2
ns
tDAL
Data-in to ACTIVE
command
35
5
5
tCK
5,11
25
5
5
tCK
5,11
14
4
4
tCK
5,11
tDH Data in hold time
1
1
1
ns
tDPL Data in to PRECHARGE
2
2
2
tCK
12
tDQD DQM to input data delay
1
1
1
tCK
9
tDQM
DQM to data mask during
writes
0–
0
0
tCK
9
tDQZ
DQM to data high Z
during reads
2–
2
2
tCK
9
tDS
Data in setup time
2
2
2
ns
tDWD
Write command to input
data delay
0–
0
0
tCK
9
tHZ
Data-out high-impedance
time
3–
5.5
6
9
ns
13
2–
8.5
9
9
ns
13
1
18
22
22
ns
13
tLZ
Data-out low-impedance
time
1–
1
1
ns


Similar Part No. - AS4LC2M8S1-8TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4LC2M8S1-8TC ALSC-AS4LC2M8S1-8TC Datasheet
712Kb / 28P
   3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
More results

Similar Description - AS4LC2M8S1-8TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4LC2M8S1 ALSC-AS4LC2M8S1 Datasheet
712Kb / 28P
   3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
logo
Sharp Corporation
LH28F016SU SHARP-LH28F016SU Datasheet
326Kb / 37P
   16M (1M 횞 16, 2M 횞 8) Flash Memory
LHF16J06 SHARP-LHF16J06 Datasheet
225Kb / 47P
   Flash Memory 16M (1M 횞 16 / 2M 횞 8)
LH28F016LL SHARP-LH28F016LL Datasheet
254Kb / 29P
   16M (1M 횞 16, 2M 횞 8) Flash Memory
LHF16J04 SHARP-LHF16J04 Datasheet
2Mb / 47P
   Flash Memory 16M (1M 횞 16/2M 횞 8)
logo
Cypress Semiconductor
CY62167GN CYPRESS-CY62167GN Datasheet
532Kb / 19P
   16-Mbit (1M 횞 16/2M 횞 8) Static RAM
logo
Sharp Corporation
LH28F016SA SHARP-LH28F016SA Datasheet
317Kb / 36P
   16M (1M 횞 16, 2M 횞 8) Flash Memory
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
   8M (512K 횞 16, 1M 횞 8) Flash Memory
LHF80V07 SHARP-LHF80V07 Datasheet
2Mb / 42P
   Flash Memory 8M (1M 횞 8/512K 횞 16)
LHF32J06 SHARP-LHF32J06 Datasheet
2Mb / 50P
   Flash Memory 32M (2M 횞 16/4M 횞 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com