Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL40815DCF1 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # ZL40815DCF1
Description  10GHz Fixed Modulus DIVIDE 4
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40815DCF1 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  ZL40815DCF1 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL40815DCF1 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL40815DCF1 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40815DCF1 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40815DCF1 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40815DCF1 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40815DCF1 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40815DCF1 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40815DCF1 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ZL40815
Data Sheet
4
Zarlink Semiconductor Inc.
Figure 3 - Input Sensitivity @ +25°C
Note 1:
Pin 1 is the Vcc pin for the 1st stage bias current. In some applications e.g., if the power supply is noisy, it may be
advantageous to add further supply decoupling to this pin (i.e., an additional R, C filter, see diagram of the recommended
circuit configuration, figure 9).
† The characteristics are guaranteed by design and characterisation over the range of operating conditions unless otherwise stated:
‡ (Input Frequency range 1 to 10 GHz rms Sinewave)
Electrical Characteristics (Vcc = 5V ±5%, Tamb = -40 to +85C)
Characteristic
Pin
Min.
Typ.
Max.
Units
Conditions
Supply current
1
0.35
mA
Input stage bias current (see Note 1)
Supply current
8
73
102
131
mA
-40°C 5.25 V
Supply current
8
59
83
106
mA
-40°C 4.75 V
Supply current
8
81
112
142
mA
+25°C 5.25 V
Supply current
8
65
91
116
mA
+25°C 4.75 V
Supply current
8
87
121
156
mA
+85°C 5.25 V
Supply current
8
67
96
125
mA
+85°C 4.75 V
or more
Typical input sensitivity (sinewave drive) @+25 Deg C
-40.00
-30.00
-20.00
-10.00
0.00
10.00
20.00
01
23
456
789
10
11
12
13
Input Frequency (GHz)
25C
MAX (Typ)
GUARANTEED
OPERATING WINDOW
Input frequency extends to DC if the
source has an edge speed of 900 V/us or less


Similar Part No. - ZL40815DCF1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL4081 ZARLINK-ZL4081 Datasheet
341Kb / 15P
   13.5GHz Fixed Modulus Dividers
ZL40810 ZARLINK-ZL40810 Datasheet
574Kb / 13P
   10-GHz Fixed Modulus 첨 8
ZL40810DCE ZARLINK-ZL40810DCE Datasheet
574Kb / 13P
   10-GHz Fixed Modulus 첨 8
ZL40810DCF ZARLINK-ZL40810DCF Datasheet
574Kb / 13P
   10-GHz Fixed Modulus 첨 8
ZL40812 ZARLINK-ZL40812 Datasheet
525Kb / 13P
   10GHz Fixed Modulus 첨 16
More results

Similar Description - ZL40815DCF1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40812 ZARLINK-ZL40812 Datasheet
525Kb / 13P
   10GHz Fixed Modulus 첨 16
logo
United Monolithic Semic...
CND2047 UMS-CND2047 Datasheet
149Kb / 10P
   10GHz Frequency Divider by 4 Fixed Modulus Prescaler
logo
Zarlink Semiconductor I...
ZL40804 ZARLINK-ZL40804_06 Datasheet
733Kb / 13P
   6 GHz Fixed Modulus 첨 4
SP8804 ZARLINK-SP8804 Datasheet
558Kb / 6P
   3.3GHZ 첨 4 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8904 MITEL-SP8904 Datasheet
95Kb / 6P
   5GHZ 첨 4 Fixed Modulus Divider
SP8804 MITEL-SP8804 Datasheet
94Kb / 5P
   3.3GHz 첨 4 fixed Modulus Divider
logo
Zarlink Semiconductor I...
ZL40804 ZARLINK-ZL40804 Datasheet
442Kb / 13P
   6 GHz FIXED MODULUS DEVIDE 4
ZL4081 ZARLINK-ZL4081 Datasheet
341Kb / 15P
   13.5GHz Fixed Modulus Dividers
logo
United Monolithic Semic...
CND2047-DAG UMS-CND2047-DAG_15 Datasheet
120Kb / 8P
   9GHz Frequency Divider by 4 Fixed Modulus Prescaler
CND2047-DAG UMS-CND2047-DAG Datasheet
132Kb / 8P
   9GHz Frequency Divider by 4 Fixed Modulus Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com