Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX-12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MX-12
Description  MX
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX-12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MX-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers MX-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
65 SHARK RIVER ROAD, NEPTUNE, NEW JERSEY 07753-7423 USA
TOLL FREE (732) 922-8330 FX (732) 922-6363
MX
n
Features
Subminiature Size: 17.5 x 6.5 x 12.5 mm (lwh)
Large Capacity: 5A, 250VAC/30VDC
High Dielectric: 3000VAC, 1 minute, coil/contact
High Sensitivity: 100mW pull-in power with non-polarized structure
Sealed Cover: Suitable for immersion cleaning
n
Rating Performance
n
Coil Rating
200mW
Contact Arrangement:
1 Form A (1a)
Contact Material:
AgCuNi
Rated Load:
250VAC/30VDC 5A (Resistive Load)
Contact Resistance:
Max. 50mOhm (at 6VDC 1A, voltage drop method)
Switching Current (max): 5A
Carrying Current (max):
10A at 20 C within 10 minutes
Dielectric Strength:
3,000VAC for 1 minute (Coil to Contact)
750VAC for 1 minute ( between open contacts)
Insulation Resistance:
100mOhm @ 500VDC (min)
Operate Time:
10ms, max. at rated voltage
Release Time:
4ms, max. at rated voltage
Shock Resistance:
False Operation
10G min. (shock wave 11ms)
Endurance
100G min. (shock wave 11ms)
Vibration Resistance:
False Operation
10 to 55Hz (Double amplitude 1.5mm)
Endurance
10 to 55Hz (Double amplitude 1.5mm)
Mechanical Life:
10x10 Ops. (Switching Freq. 300 ops/min)
Electrical Life:
0.1x10 Operations at rated load ( On: 1 sec/Off: 1 sec)
Ambient Temperature:
-40 C to +85 C
Weight:
3 grams, approx.
6
6
o
o
Part Number
Rated
Coil Resistance
Pull-in
Drop-out
Rated
Voltage
+/- 10%
Voltage
Voltage
Power
MX-5(N)
5VDC
125
3.5V
0.5V
MX-6(N)
6VDC
180
4.2V
0.6V
MX-9(N)
9VDC
405
6.3V
0.9V
MX-10(N)
10VDC
500
7.0V
1.0V
MX-12(N)
12VDC
720
8.4V
1.2V
MX-24(N)
24VDC
2,880
16.8V
2.4V


Similar Part No. - MX-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX-1616 ETC-MX-1616 Datasheet
213Kb / 5P
   HIGH SPEED CMOS PROGRAMMABLE ANALOG MULTIPLEXERS
MX-1616C ETC-MX-1616C Datasheet
213Kb / 5P
   HIGH SPEED CMOS PROGRAMMABLE ANALOG MULTIPLEXERS
logo
Vectron International, ...
MX-170 VECTRON-MX-170 Datasheet
521Kb / 4P
   Oven Controlled Crystal Oscillator
More results

Similar Description - MX-12

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
MX CHERRY-MX Datasheet
585Kb / 3P
   Keymodule MX
logo
Cree, Inc
MX-6S CREE-MX-6S Datasheet
1Mb / 12P
   XLamp MX-6S LEDs
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
Cree, Inc
MX3AWT-A1-0000-000ADZ CREE-MX3AWT-A1-0000-000ADZ Datasheet
1,017Kb / 24P
   XLamp MX Family LEDs
MX3AWT-A1-0000-000B51 CREE-MX3AWT-A1-0000-000B51 Datasheet
1Mb / 17P
   XLamp짰 MX-3 LEDs
MX-3S CREE-MX-3S Datasheet
1Mb / 11P
   XLamp MX-3S LEDs
MX-6 CREE-MX-6 Datasheet
1Mb / 12P
   XLamp MX-6 LEDs
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Molex Electronics Ltd.
SD-34083-002 MOLEX5-SD-34083-002 Datasheet
483Kb / 3P
   MX 150 RECEPTACLE CABLE SEAL
logo
Cree, Inc
MX6SWT-A1-0000-000F51 CREE-MX6SWT-A1-0000-000F51 Datasheet
999Kb / 10P
   Cree XLamp MX-6S LEDs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com