Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5805A Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HFBR-5805A
Description  HFBR-5805/5805T/5805A/5805AT ATM Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1 x 9 Package Style
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5805A Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HFBR-5805A Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Figure 2. Package Outline Drawing
39.12
(1.540)
MAX.
AREA
RESERVED
FOR
PROCESS
PLUG
12.70
(0.500)
25.40
(1.000)
MAX.
12.70
(0.500)
10.35
(0.407)
MAX.
3.30 ± 0.38
(0.130 ± 0.015)
HFBR-5805
DATE CODE (YYWW)
SINGAPORE
2.92
(0.115)
20.32
(0.800)
[8x(2.54/.100)]
23.55
(0.927)
16.70
(0.657)
0.46
(0.018)
NOTE 1
(9x)
Ø
NOTE 1
0.87
(0.034)
23.24
(0.915)
15.88
(0.625)
NOTE 1: THE SOLDER POSTS AND ELECTRICAL PINS ARE PHOSPHOR BRONZE WITH TIN LEAD OVER NICKEL PLATING.
DIMENSIONS ARE IN MILLIMETERS (INCHES).
+ 0.08
– 0.05
+ 0.003
– 0.002
0.75
(0.030
)
)
6.35
(0.250)
5.93 ± 0.1
(0.233 ± 0.004)
AGILENT
20.32
(0.800)
17.32
(0.682
23.32
(0.918)
18.52
(0.729)
4.14
(0.163
+ 0.25
– 0.05
+ 0.010
– 0.002
1.27
(0.050
Case Temperature
Measurement Point


Similar Part No. - HFBR-5805A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5803 HP-HFBR-5803 Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
HFBR-5803A HP-HFBR-5803A Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
HFBR-5803AT HP-HFBR-5803AT Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
HFBR-5803T HP-HFBR-5803T Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
More results

Similar Description - HFBR-5805A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5805AZ AVAGO-AFBR-5805AZ Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5805Z BOARDCOM-AFBR-5805Z Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
AFBR-5205Z BOARDCOM-AFBR-5205Z Datasheet
559Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5203 HP-HFBR-5203 Datasheet
323Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
HFBR5203-5205 HP-HFBR5203-5205 Datasheet
326Kb / 20P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFBR-5208M HP-HFBR-5208M Datasheet
520Kb / 21P
   Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com