Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5805A Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HFBR-5805A
Description  HFBR-5805/5805T/5805A/5805AT ATM Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1 x 9 Package Style
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5805A Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HFBR-5805A Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-5805A Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Figure 7. Recommended Decoupling and Termination Circuits
;;
;;
;;
;;;
;;;
;;;
;;
;;
;;
;;
;;
;;;
;;;
;;
;;
;;;
;;;
;;
;;
;;
;;
;;;
;;;
;;
;;
;;
;;
;;
;;
;;;
;;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
NO INTERNAL CONNECTION
NO INTERNAL CONNECTION
HFBR-5805
TOP VIEW
V
EE
RD
RD
SD
V
CC
V
CC
TD
TD
V
EE
1
2
34
56
7
8
9
C1
C2
L1
L2
R2
R3
R1
R4
C5
C3
C4
R9
R10
V
CC FILTER
AT V
CC PINS
TRANSCEIVER
R5
R7
R6
R8
C6
RD
RD
SD
V
CC
TD
TD
TERMINATION
AT PHY
DEVICE
INPUTS
NOTES:
THE SPLIT-LOAD TERMINATIONS FOR ECL SIGNALS NEED TO BE LOCATED AT THE INPUT
OF DEVICES RECEIVING THOSE ECL SIGNALS. RECOMMEND 4-LAYER PRINTED CIRCUIT
BOARD WITH 50 OHM MICROSTRIP SIGNAL PATHS BE USED.
R1 = R4 = R6 = R8 = R10 = 130 OHMS FOR +5.0 V OPERATION, 82 OHMS FOR +3.3 V OPERATION.
R2 = R3 = R5 = R7 = R9 = 82 OHMS FOR +5.0 V OPERATION, 130 OHMS FOR +3.3 V OPERATION.
C1 = C2 = C3 = C5 = C6 = 0.1 µF.
C4 = 10 µF.
L1 = L2 = 1 µH COIL OR FERRITE INDUCTOR.
TERMINATION
AT TRANSCEIVER
INPUTS
Rx
Rx
Tx
Tx
V
CC
V
CC
Rx
Tx
Recommended Handling Precautions
Agilent recommends that
normal static precautions be
taken in the handling and
assembly of these transceivers
to prevent damage which may
be induced by electrostatic
discharge (ESD).
The HFBR-5800 series of
transceivers meet MIL-STD-
883C Method 3015.4 Class 2
products.
Care should be used to avoid
shorting the receiver data or
signal detect outputs directly
to ground without proper
current limiting impedance.
Solder and Wash Process
Compatibility
The transceivers are delivered
with protective process plugs
inserted into the duplex SC or
duplex ST connector
receptacle. This process plug
protects the optical
subassemblies during wave
solder and aqueous wash
processing and acts as a dust
cover during shipping.
These transceivers are compat-
ible with either industry
standard wave or hand solder
processes.
Shipping Container
The transceiver is packaged in
a shipping container designed
to protect it from mechanical
and ESD damage during
shipment or storage.
Board Layout - Decoupling Circuit
and Ground Planes
It is important to take care in
the layout of your circuit
board to achieve optimum
performance from these
transceivers. Figure 7 provides
a good example of a schematic
for a power supply decoupling
circuit that works well with
these parts. It is further
recommended that a
contiguous ground plane be
provided in the circuit board
directly under the transceiver
to provide a low inductance
ground for signal return
current. This recommendation
is in keeping with good high
frequency board layout
practices.
Board Layout - Hole Pattern
The Agilent transceiver
complies with the circuit board
“Common Transceiver
Footprint” hole pattern defined
in the original multisource
announcement which defined
the 1 x 9 package style. This
drawing is reproduced in
Figure 8 with the addition of
ANSI Y14.5M compliant
dimensioning to be used as a
guide in the mechanical layout
of your circuit board.


Similar Part No. - HFBR-5805A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5803 HP-HFBR-5803 Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
HFBR-5803A HP-HFBR-5803A Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
HFBR-5803AT HP-HFBR-5803AT Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
HFBR-5803T HP-HFBR-5803T Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
More results

Similar Description - HFBR-5805A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5805AZ AVAGO-AFBR-5805AZ Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5805Z BOARDCOM-AFBR-5805Z Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
AFBR-5205Z BOARDCOM-AFBR-5205Z Datasheet
559Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5203 HP-HFBR-5203 Datasheet
323Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
HFBR5203-5205 HP-HFBR5203-5205 Datasheet
326Kb / 20P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFBR-5208M HP-HFBR-5208M Datasheet
520Kb / 21P
   Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com