Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS454 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS454
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS454 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS454 Datasheet HTML 1Page - Vectron International, Inc TFS454 Datasheet HTML 2Page - Vectron International, Inc TFS454 Datasheet HTML 3Page - Vectron International, Inc TFS454 Datasheet HTML 4Page - Vectron International, Inc TFS454 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 454.doc
Version 1.2
16.04.2004
VI TELEFILTER
Filter specification
TFS 454
1/5
Tele Filter GmbH
Potsdamer Stra
ße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
Measurement condition
Ambient temperature TA:
23
°C
Input power level:
0 dBm.
Terminating impedances :
100
// -4,0 pF
100
// -4,0 pF
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 454 is the minimum of the pass band attenuation amin. The minimum of the pass band
attenuation amin is defined as the insertion loss ae. The centre frequency fo is the arithmetic mean value of the upper and lower frequencies at the 3dB
filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed at 454,00 MHz without tolerance. The given values for the relative
attenuation arel and for the group delay ripple have to be reached at the frequencies given below even if the centre frequency fc is shifted due to the
temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fc
D a t a
typ. value
tolerance / limit
Insertion loss
ae= amin
3,5
MHz
max.
4,5
MHz
(reference level)
-
-
Nominal frequency
fN
454
MHz
Centre frequency
fC
454
MHz
Bandwidth
BW
9,5
MHz
min.
4,0
MHz
Relative attenuation
arel
fN
-
42,8
MHz
60
dB
min.
55
dB
Operating temperature range
OTR
-
- 10
°C ... + 50°C
Storage temperature range
-
- 40
°C ... + 85°C
Temperature coefficient of frequency
TCf **
-32
ppm/K
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference
values only. Should there be additional questions, do not hesitate to ask for an application note or contact our design team.
** fc(Hz) = Tcf(ppm/K) x (T - TA) x fCAT (MHz)
Generated:
Checked / Approved:
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS454

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS450 VECTRON-TFS450 Datasheet
31Kb / 5P
   Filter Specification
TFS450A VECTRON-TFS450A Datasheet
223Kb / 5P
   Filter specification
logo
List of Unclassifed Man...
TFS451A ETC2-TFS451A Datasheet
165Kb / 5P
   Filter specification
logo
Vectron International, ...
TFS451A VECTRON-TFS451A Datasheet
170Kb / 5P
   Filter specification
TFS452A VECTRON-TFS452A Datasheet
103Kb / 5P
   Filter Specification
More results

Similar Description - TFS454

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com