Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS430B Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS430B
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS430B Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS430B Datasheet HTML 1Page - Vectron International, Inc TFS430B Datasheet HTML 2Page - Vectron International, Inc TFS430B Datasheet HTML 3Page - Vectron International, Inc TFS430B Datasheet HTML 4Page - Vectron International, Inc TFS430B Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tfs430b.doc
version 1.2
26.11.2002
VI TELEFILTER
Filter Specification
TFS 430B
1/5
VI TELEFILTER
Potsdamer Stra
ße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
Measurement condition
Ambient temperature TA:
23
°C
Input power level:
0
dBm.
Terminating Impedance at fc*:
for input:
240
6,7 pF
for output:
210
7,7 pF
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 430B is the minimum of the pass band attenuation amin. The minimum of the pass
band attenuation amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies
at the 3 dB filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed at 430 MHz without tolerance. The given
values for the relative attenuation arel and for the group delay ripple have to be reached at the frequencies given below even if the centre
frequency fc is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance
for the centre frequency fc.
D a t a
typ. value
tolerance / limit
Insertion loss
ae = amin
9,2
dB
max.
10
dB
(Reference level)
Nominal frequency
fN
-
430
MHz
Centre frequency
fc
430
MHz
Relative attenuation
arel
fN
…fN ±
2
MHz
-
max.
1
dB
fN ± 2
MHz
…fN ±
3,325 MHz
-
max.
1,5
dB
fN ± 9
MHz
…fN ± 50
MHz
37
dB
min.
30
dB
fN ± 50
MHz
…fN ± 100
MHz
45
dB
min.
40
dB
Phase Linearity
fN ±
2
MHz
0,7
°rms
max.3
°rms
Operating temperature range
-
- 30 C ... + 70 C
Storage temperature range
-
- 35 C
… + 85 C
Temperature coefficient of frequency
TC
- 19
ppm/K
Frequency inversion temperature
+ 25
C
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as
reference values only. Should there be additional questions, do not hesitate to ask for an application note or contact our design team.
generated:
checked / approved:
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS430B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS430C VECTRON-TFS430C Datasheet
243Kb / 5P
   Filter specification
TFS430D VECTRON-TFS430D Datasheet
223Kb / 5P
   Filter specification
TFS430E VECTRON-TFS430E Datasheet
201Kb / 5P
   Vectron International Filter specification
TFS430F VECTRON-TFS430F Datasheet
195Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS430B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com