Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT77C102B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT77C102B
Description  Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT77C102B Datasheet(HTML) 2 Page - ATMEL Corporation

  AT77C102B Datasheet HTML 1Page - ATMEL Corporation AT77C102B Datasheet HTML 2Page - ATMEL Corporation AT77C102B Datasheet HTML 3Page - ATMEL Corporation AT77C102B Datasheet HTML 4Page - ATMEL Corporation AT77C102B Datasheet HTML 5Page - ATMEL Corporation AT77C102B Datasheet HTML 6Page - ATMEL Corporation AT77C102B Datasheet HTML 7Page - ATMEL Corporation AT77C102B Datasheet HTML 8Page - ATMEL Corporation AT77C102B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
5364A–BIOM–09/05
AT77C102B
The die attach is connected to pins 1, 7 and 21, and must be grounded. The FPL pin must be
grounded.
Table 2-1.
Pin Description for Chip-on-Board Package: AT77C102B-CB01YV
Pin Number
Name
Type
1GND
GND
2
AVE
Analog output
3
AVO
Analog output
4TPP
Power
5
TPE
Digital input
6VCC
Power
7GND
GND
8
RST
Digital input
9
PCLK
Digital input
10
OE
Digital input
11
ACKN
Digital output
12
De0
Digital output
13
Do0
Digital output
14
De1
Digital output
15
Do1
Digital output
16
De2
Digital output
17
Do2
Digital output
18
De3
Digital output
19
Do3
Digital output
20
FPL
GND
21
GND
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
GND
AVE
AVO
TPP
TPE
VCC
GND
RST
PCLK
OE
ACKN
De0
Do0
De1
Do1
De2
Do2
De3
Do3
FPL
GND


Similar Part No. - AT77C102B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT77C102B-CB01YV ATMEL-AT77C102B-CB01YV Datasheet
821Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02" x 0.55") Sensing Area and Digital Output (On-chip ADC)
AT77C102B-CB02YV ATMEL-AT77C102B-CB02YV Datasheet
821Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02" x 0.55") Sensing Area and Digital Output (On-chip ADC)
AT77C102B ATMEL-AT77C102B_07 Datasheet
821Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02" x 0.55") Sensing Area and Digital Output (On-chip ADC)
More results

Similar Description - AT77C102B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT77C102B ATMEL-AT77C102B_07 Datasheet
821Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02" x 0.55") Sensing Area and Digital Output (On-chip ADC)
FCD4B14 ATMEL-FCD4B14 Datasheet
265Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output
AT77C101B ATMEL-AT77C101B Datasheet
272Kb / 21P
   Thermal Fingerprint Sensor with Sensing Area and Digital Output
logo
Transko Electronics, In...
1ZTTCW TRANSKO-1ZTTCW Datasheet
401Kb / 1P
   CERAMIC RESONATORS (2.0 X 2.5 X 1.2 / 0.55 mm)
Rev. 1: Jul. 2014
logo
Hamamatsu Corporation
R11265U-M4 HAMAMATSU-R11265U-M4 Datasheet
170Kb / 4P
   Wide effective area: 23 mm x 23 mm
logo
STANLEY ELECTRIC CO.,LT...
KW1448A STANLEY-KW1448A Datasheet
315Kb / 13P
   5.0 x 5.0 mm (t=0.55 mm) Type White LED
logo
EHAOAN.
EH-C201KRKT EHAOAN-EH-C201KRKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 0.65 x 0.35 x 0.4 mm
EH-C281KSKT EHAOAN-EH-C281KSKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 1.0 x 0.5 x 0.4 mm
EH-C201TGKT-5A EHAOAN-EH-C201TGKT-5A Datasheet
1Mb / 7P
   Dimension( L/W/H) : 0.65 x 0.35 x 0.4 mm
EH-C281TBKT-5A EHAOAN-EH-C281TBKT-5A Datasheet
1Mb / 7P
   Dimension( L/W/H) : 1.0 x 0.5 x 0.4 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com