Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS400C2 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TFS400C2
Description  SAW Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS400C2 Datasheet(HTML) 3 Page - Vectron International, Inc

  TFS400C2 Datasheet HTML 1Page - Vectron International, Inc TFS400C2 Datasheet HTML 2Page - Vectron International, Inc TFS400C2 Datasheet HTML 3Page - Vectron International, Inc TFS400C2 Datasheet HTML 4Page - Vectron International, Inc TFS400C2 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
tfs400c2.doc
version 1.0
23.05.2000
_____________________________________________________________________________________________________
VI TELEFILTER
SAW Filter Specification
TFS 400 C2
3/5
_____________________________________________________________________________________________________
VI TELEFILTER
Vectron International Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Stability Characteristics
After the following tests the filter shall meet the whole specification:
1. Shock:
500g, 18 ms, half sine wave, 3 shocks each plane;
DIN IEC 68 T2 - 27
2. Vibration:
10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans;
DIN IEC 68 T2 - 6
3. Damp heat:
25 °C to 55°C / 95% r.H. / 10 cycles
(cycle)
DIN IEC 68 - 2 – 30 Db
4. Resistance to
solder heat (reflow):
max. 2 times reflow process;
for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4;
Packing
Tape & Reel:
IEC 286 - 3, with exception of value for N and minimum bending radius;
tape type II, embossed carrier tape with top cover tape on the upper side;
max. pieces of filters per reel:
3000
Real of empty components at start:
min 300 mm
Real of empty components at start including leader:
min 500 mm
Trailer
min 300 mm
D o
Po
E
F
W
P1
EMBOSSED CARRIER TAPE
COVER TAPE
G
P 2
B o
A o
CT
D 1
Tape (all dimensions in mm)
W
:
12
± 0,3
Po
:
4
± 0,1
Do
:
1,5
+ 0,1
E
:
1,75 ± 0,1
F
:
5,5 ± 0,05
G (min) :
0,75
P2
:
2
± 0,05
P1
:
8
± 0,1
D1(min) :
1,5
Ao
:
5,3
± 0,1
Bo
:
5,3
± 0,1
CT
:
9,5
± 0,1
A
C
N
W
1
W 2
Reel (all dimensions in mm):
A
:
330
W1
:
12,4 + 0,2
W2 (max) :
18,4
N (min)
:
50
C
:
13
± 0,2
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape.
The marking of the filters is able to read if the view is directed on the upper side of the carrier tape with the sprocket holes on
the right side of the tape.


Similar Part No. - TFS400C2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS400C VECTRON-TFS400C Datasheet
81Kb / 5P
   SAW Filter Specification
More results

Similar Description - TFS400C2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS248B VECTRON-TFS248B Datasheet
52Kb / 4P
   SAW filter specification
TFS270A1 VECTRON-TFS270A1 Datasheet
54Kb / 4P
   SAW filter specification
TFS101 VECTRON-TFS101 Datasheet
55Kb / 4P
   SAW-Filter Specification
TFS460B VECTRON-TFS460B Datasheet
48Kb / 4P
   SAW filter specification
TFS241A VECTRON-TFS241A Datasheet
48Kb / 4P
   SAW filter specification
TFS195 VECTRON-TFS195 Datasheet
53Kb / 5P
   SAW Filter Specification
TFS276 VECTRON-TFS276 Datasheet
52Kb / 4P
   SAW filter specification
TFS400B VECTRON-TFS400B Datasheet
50Kb / 5P
   SAW Filter Specification
TFS360C VECTRON-TFS360C Datasheet
55Kb / 4P
   SAW Filter Specification
TFS246H2 VECTRON-TFS246H2 Datasheet
51Kb / 4P
   SAW filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com