Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6207A502ML Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6207A502ML
Description  CMOS Low Power Consumption
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6207A502ML Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6207A502ML Datasheet HTML 1Page - Torex Semiconductor XC6207A502ML Datasheet HTML 2Page - Torex Semiconductor XC6207A502ML Datasheet HTML 3Page - Torex Semiconductor XC6207A502ML Datasheet HTML 4Page - Torex Semiconductor XC6207A502ML Datasheet HTML 5Page - Torex Semiconductor XC6207A502ML Datasheet HTML 6Page - Torex Semiconductor XC6207A502ML Datasheet HTML 7Page - Torex Semiconductor XC6207A502ML Datasheet HTML 8Page - Torex Semiconductor XC6207A502ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
Data Sheet
ud200527
May 17, 2005 V4
CMOS Low Power Consumption
Dropout Voltage
: 40mV@30mA
120mV@100mA
Output Voltage Range : 1.2V ~ 5.0V
Output Current
: 300mA <Up to 380mA (TYP.)>
Low ESR Capacitor Compatible
High Ripple Rejection, Low Output Noise
Regulators with Green Operation (GO) Function
CL High-Speed Auto-Discharge (XC6207B)
GENERAL DESCRIPTION
The XC6207 series are precise, low noise, high speed, low
dropout regulators with green operation (GO) function. They
are fabricated using Torex’s CMOS process. Performance
features of the series include high ripple rejection and low
dropout voltage, and the series include a reference voltage
source, an error amplifier, a current limiter, and a phase
compensation circuit.
Output voltage is selectable in 50mV increments within a range
of 1.2V~5.0V, using laser trimming technologies.
The series' output stabilization capacitor (CL) is also
compatible with low ESR ceramic capacitors.
GO provides high speed operation, low power consumption
and high efficiencies by automatically switching between a high
speed mode (HS) and a power save mode (PS) depending
upon the load current level. The switching point of the GO to
the output current is being fixed inside the IC.
The IC
operates when the GO pin is low-level.
When only
high-speed operation is required, it can be fixed by inputting a
high level signal to the GO pin, thus providing operating
conditions with the most suitable level of supply current for the
application.
The CE function enables the output to be turned off resulting in
greatly reduced power consumption. In this state, with the
XC6207B series, the IC turns on the internal switch located
between the VOUT and VSS pins. This short enables the
electric charge at the output capacitor (CL) to be discharged
via the internal auto-discharge resistance, and as a result the
VOUT pin quickly returns to the VSS level.
The constant current limit circuit and the current limiter's
foldback circuit also operate as a short circuit protection for the
output current limiter and the output pin.
APPLICATIONS
Cellular phones
Cordless phones, Wireless communication equipment
Portable games
Cameras, VCRs
Portable AV equipment
PDAs
TYPICAL APPLICATION CIRCUIT
FEATURES
Maximum Output Current : 300mA <Up to 380mA (TYP.)>
Dropout Voltage
: 120mV@ IOUT=100mA
Operating Voltage Range: 2.0V ~ 6.0V
Output Voltage Setting Range: 1.2V ~ 5.0V (50mV increments)
Accuracy
: ±2% (HS Mode:VOUT >1.5V)
2%,-3% (PS Mode:VOUT >1.5V)
±
30mV (HS Mode:VOUT≦1.5V)
+30mV, -45mV (PS Mode:VOUT≦1.5V)
Low Power Consumption : 5.5μA (TYP.)(PS mode)
50μA (TYP.)(HS mode)
Standby Current
: Less than 0.1μA
High Ripple Rejection : 70dB @ 1kHz
Operating Temperature Range: -40℃ ~ 85℃
Low ESR Capacitor
: Ceramic capacitor compatible
Ultra Small Packages
: SOT-89-5
SOT-25
USP-6C
TYPICAL PERFORMANCE
CHARACTERISTICS
Supply Current vs. Output Current
0
10
20
30
40
50
60
70
80
0
123
45
Output Current IOUT (mA)
VIN=CE, VSS=GO=0V
VIN=2.8V, CIN=CL=1.0
µF, Ta=25OC
XC6207A182xx
GO-Compatible
VIN
VSS
VOUT
GO
CE
CIN
1uF
CL
1uF
Input
Input


Similar Part No. - XC6207A502ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207A122EL TOREX-XC6207A122EL Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207A122ER TOREX-XC6207A122ER Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207A122ML TOREX-XC6207A122ML Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207A122MR TOREX-XC6207A122MR Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207A122PL TOREX-XC6207A122PL Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results

Similar Description - XC6207A502ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com