Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS167G Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS167G
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS167G Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS167G Datasheet HTML 1Page - Vectron International, Inc TFS167G Datasheet HTML 2Page - Vectron International, Inc TFS167G Datasheet HTML 3Page - Vectron International, Inc TFS167G Datasheet HTML 4Page - Vectron International, Inc TFS167G Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TFS167G.doc
version 2.2
14.11.2003
VI TELEFILTER
Filter specification
TFS 167 G
2/5
TELEFILTER GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
tft@telefilter.com
Construction and Pin Connection
(All dimensions in mm)
13,31 ±0,20
1,91±0,2
7,62±0,2
1,0±0,2
TFS 167G
R29
date code
1
input
2
ground
3
ground
4
ground
5
output
6
output
7
ground
8
ground
9
ground
10
ground
date code:
year + week
N
2001
P
2002
R
2003
...
50
matching circuit:
L2
Output
Input
L1
SAW
2,3,4,7,8,9
1
5
L3
6
10
LB-OUT
200Ohm : 200 Ohm
C1
E-Mail:
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS167G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS167 VECTRON-TFS167 Datasheet
44Kb / 3P
   Filter Specification
TFS167D VECTRON-TFS167D Datasheet
197Kb / 5P
   Filter Specification
TFS167E VECTRON-TFS167E Datasheet
97Kb / 5P
   Filter Specification
TFS167F VECTRON-TFS167F Datasheet
156Kb / 5P
   Filter specification
TFS167H VECTRON-TFS167H Datasheet
216Kb / 5P
   Filter specification
More results

Similar Description - TFS167G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com