Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M64884FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M64884FP
Description  Transistor for VCO,1st IF MIX,2-multiple circuit built-in 500MHz/1GHz Dual PLL Synthesizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64884FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M64884FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M64884FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M64884FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64884FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64884FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64884FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64884FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64884FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M64884FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
M64884FP
Transistor for VCO,1st IF MIX,2-multiple circuit built-in 500MHz/1GHz Dual PLL Synthesizer
MITSUBISHI ICs (Cordless Telephone)
Ver 1.0
Nov 25,1998
MITSUBISHI
ELECTRIC
2.FEATURES
Low power current Icc=24mA. (@Vcc=3.0V,at TX/RX VCO
and 2-multiple circuit output current=2mA setting)
Built-in 2-modulus prescaler.
input f requency --- TX:350~500MHz,RX:700~1000MHz.
input sensitiv ity --- -15 ~ -5dBm.
Built-in buff er-Tr f or oscillation circuit in the TX and RX.
Built-in 2-multiple circuit f or transmission output.
Built-in double balance ty pe mixer f or the 1st IF.
Rated current output ty pe charge pump. Output current can
be set with serial data. (100,300,500,700µA)
Built-in B-E Colpitts ty pe oscillation circuit f or standard oscillation.
Software is compatible with M64084AGP.
Outline 24SSOP (0.65 milli-pitch)
MIXOUT
13
14
15
16
17
18
19
20
21
22
23
24
RXVCC
RXB
RXE
MIXIN
RST
SI
CPS
1
2
3
4
5
6
7
8
9
10
11
12
PD1
VCC
TXVCC
TXB
TXE
TXGND2
PD2
TXOUT
XIN
XOUT
XBO
GND
RXGND
MIXGND
LOCK
TXGND1
APPLICATION
900MHz analog cordless telephone
(ISM band)
Pulse Counter
XOUT
PD2
1/16,17
Prescaler
OSC+1/2
Divider
1/32,33
Prescaler
SW
SW
SW
Programmable
Divider
L a t c h
Shift Resister
VCO(TX)
P h a s e
Detector
P h a s e
Detector
Latch
Select
SW
SW
VCO(RX)
MIX
Lock
detector
Programmable
Divider
Programmable
Divider
L a t c h
L a t c h
SW
SW
SW
17
13
17
2
GND
TXVCC
RXVCC
TXOUT
PD1
RXB
RXE
RST
SI
XBO
XIN
LOCK
CPS
MIXIN
MIXGND
TXGND2
2
RXGND
TXGND1
TXB
TXE
TX.VCO
Circuit
TX 2-multiple output
(To TXAMP)
LNA
Circuit
MIXOUT
To TX.VCO
LPF
To
micro computer
To
2nd.MIX
LOCAL
DATA
Input
Tank
Load
1st.IF
Output
VCC
RX.VCO
Circuit
LPF
To RX.VCO
standard
oscillation
circuit
2
x2
2
4
1/2
3.BLOCK DIAGRAM
9
1
10
11
12
8
3
6
1
4
5
2
7
14
18
13
24
20
21
23
19
22
17
15
16
1.DESCRIPTION
The M64884FP is a 2-sy stem 1-chip PLL f requency sy nthe-
sizer IC designed of Analog cordless telephone f or North
America (ISM band) that can directly enter signal up to 500-
MHz in the TX and up to 1GHz in the RX.
Adoption of high perf ormance Bi-CMOS process enables low
power consumption ty pe 2-modulus prescaler to be built in
the IC to directly s ignal enter up to 500MHz in the TX and up
to 1GHz in the RX.This IC also contains VCO oscillation-Tr in
the TX and RX,2-multiple circuit f or transmission output and
double balance ty pe mixer f or the 1st intermediate f requency
(1st IF).


Similar Part No. - M64884FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M64886FP RENESAS-M64886FP Datasheet
445Kb / 28P
   RF Transceiver for Short-range Wireless
More results

Similar Description - M64884FP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1121 TI-TRF1121 Datasheet
1Mb / 26P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Up-Converter
TRF1112 TI-TRF1112_07 Datasheet
1Mb / 25P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Down-Conversion
TRF1121 TI-TRF1121_07 Datasheet
1Mb / 27P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Up-Converter
logo
Toshiba Semiconductor
TA31145FNG TOSHIBA-TA31145FNG Datasheet
577Kb / 14P
   FM IF DETECTION IC FOR PAGER(BUILT-IN 2ND MIX)
TA31142FNG TOSHIBA-TA31142FNG Datasheet
510Kb / 13P
   FM IF DETECTION IC FOR PAGER(BUILT-IN 2ND MIX)
logo
Mitsubishi Electric Sem...
M64811AGP MITSUBISHI-M64811AGP Datasheet
47Kb / 9P
   1.1GHz/500MHz DUAL PLL FREQUENCY SYNTHESIZER FOR DIGITAL CELLULAR PHONE
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
   Dual PLL Frequency Synthesizer Circuit
logo
Infineon Technologies A...
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
   Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
Rohm
BA7664AFV ROHM-BA7664AFV_09 Datasheet
207Kb / 5P
   Y/C MIX Circuit built-in Video Driver
logo
Fujitsu Component Limit...
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com