Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS160B Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS160B
Description  Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS160B Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS160B Datasheet HTML 1Page - Vectron International, Inc TFS160B Datasheet HTML 2Page - Vectron International, Inc TFS160B Datasheet HTML 3Page - Vectron International, Inc TFS160B Datasheet HTML 4Page - Vectron International, Inc TFS160B Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
tfs160b.doc
05/97
_________________________________________________________________________________________________________
SAW-Resonatorfilter
Specification
TFS 160 B - 1/4
_________________________________________________________________________________________________________
Measurement condition
Ambient temperature:
23
°C
Input power level:
0 dBm
Terminating impedance:
660
Ω || -1.6 pF
Construction and pin connection
see sheet 2
Characteristics
Remark:
The maximum of the pass band attenuation amax within the usable signal band width is defined as the insertion loss ae. The insertion
loss ae is the reference value for relative attenuation . The nominal frequency fN is fixed on 160.62 MHz.
D a t a
typ. value
Variation/ Limitation
_________________________________________________________________________________________________________
Insertion loss
ae = amin
3
dB
max.
5
dB
(Reference level)
_________________________________________________________________________________________________________
Nominal frequency
fN
-
160,62
MHz
_________________________________________________________________________________________________________
3 dB - bandwidth
BW
100
kHz
-
_________________________________________________________________________________________________________
Usable signal bandwidth
-min. fN
± 10 kHz
_________________________________________________________________________________________________________
Relative attenuation
arel
fN + 910 kHz
65
dB
min.
60
dB
________________________________________________________________________________________________________
Temperature coefficient of frequency
TCf
-0,036 ppm/K
2
-
_________________________________________________________________________________________________________
Frequency inversion temperature
+ 25 °C
_________________________________________________________________________________________________________
Operating temperature range
- 20°C ... + 70°C
_________________________________________________________________________________________________________
_________________________________________________________________________________________________________


Similar Part No. - TFS160B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1603 VECTRON-TFS1603 Datasheet
186Kb / 5P
   Vectron International Filter specification
TFS160F VECTRON-TFS160F Datasheet
188Kb / 5P
   Filter specification
TFS160G VECTRON-TFS160G Datasheet
236Kb / 5P
   Filter specification
TFS160K VECTRON-TFS160K Datasheet
82Kb / 5P
   Filter specification
logo
MORNSUN Science& Techno...
TFS160N-3.3 MORNSUN-TFS160N-3.3 Datasheet
179Kb / 4P
   Isolated Transmitter
More results

Similar Description - TFS160B

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
logo
Vectron International, ...
TFS71D VECTRON-TFS71D Datasheet
37Kb / 3P
   Specification
TFS161A VECTRON-TFS161A Datasheet
39Kb / 5P
   Specification
logo
Samsung semiconductor
CL21B105KBFNNNF SAMSUNG-CL21B105KBFNNNF Datasheet
139Kb / 2P
   SPECIFICATION
CL21B473KCFNNNE SAMSUNG-CL21B473KCFNNNE Datasheet
140Kb / 2P
   SPECIFICATION
logo
List of Unclassifed Man...
ISR3SAD100 ETC2-ISR3SAD100 Datasheet
93Kb / 1P
   SPECIFICATION
logo
Samsung semiconductor
CL05A474KQ5NNNC SAMSUNG-CL05A474KQ5NNNC Datasheet
135Kb / 2P
   SPECIFICATION
CL31A226KAHNNNE SAMSUNG-CL31A226KAHNNNE Datasheet
80Kb / 2P
   SPECIFICATION
CL31B105KCHSNNE SAMSUNG-CL31B105KCHSNNE Datasheet
152Kb / 2P
   SPECIFICATION
logo
Fuji Electric
PH967C6 FUJI-PH967C6 Datasheet
136Kb / 12P
   SPECIFICATION
logo
Samsung semiconductor
CL10A226MQ8NRNE SAMSUNG-CL10A226MQ8NRNE Datasheet
140Kb / 2P
   SPECIFICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com