Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAQW212H Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KAQW212H
Description  SOLID STATE RELAY - MOSFET OUTPUT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQW212H Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KAQW212H Datasheet HTML 1Page - COSMO  Electronics Corporation KAQW212H Datasheet HTML 2Page - COSMO  Electronics Corporation KAQW212H Datasheet HTML 3Page - COSMO  Electronics Corporation KAQW212H Datasheet HTML 4Page - COSMO  Electronics Corporation KAQW212H Datasheet HTML 5Page - COSMO  Electronics Corporation KAQW212H Datasheet HTML 6Page - COSMO  Electronics Corporation KAQW212H Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PRODUCT SPECIFICATION
DATE:03/01/2005
Preliminary
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQW212H
SHEET 5 OF 7
REV.
0
LED forward current vs. Turn On Time
Across terminals 5,7 and 6,8 pin
Load voltage:60V(DC)
Continuous load current:400mA(DC)
Ambient temperature:25℃
Off state leakage current
Across terminals 5,7 and 6,8 pin
Ambient temperature:25℃
0
0
10
20
30
405060
0.5
1.0
1.5
2.0
10
40
0
20
60
80
100
-12
-9
10
-6
10
-3
10
LED forward current(mA)
Load voltage(V)
LED forward current vs. reverse(ON) time
Across terminals 5,7 and 6,8 pin
Load voltage:60V(DC)
Continuous load current:400mA(DC)
Ambient temperature:25℃
Applied voltage vs. output capacitance
Across terminals 5,7 and 6,8 pin
Frequency:1MHz
Ambient temperature:25℃
010
20
30
40
50
0.3
0.1
0.2
0.5
0.4
60
0
010
20
30
40
50
60
50
100
150
200
250
LED forward current(mA)
Applied voltage(V)


Similar Part No. - KAQW212H

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQW212HA COSMO-KAQW212HA Datasheet
174Kb / 7P
   PRODUCT SPECIFICATION
KAQW212H COSMO-KAQW212H_11 Datasheet
172Kb / 7P
   PRODUCT SPECIFICATION
More results

Similar Description - KAQW212H

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
209Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQV216H COSMO-KAQV216H Datasheet
209Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQV414H COSMO-KAQV414H Datasheet
208Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY214H COSMO-KAQY214H Datasheet
196Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY217H COSMO-KAQY217H Datasheet
194Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY414H COSMO-KAQY414H Datasheet
196Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY210BH COSMO-KAQY210BH Datasheet
195Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY210H COSMO-KAQY210H Datasheet
195Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
logo
Solid State Optronic
SMQ4110 SSOUSA-SMQ4110 Datasheet
407Kb / 8P
   MOSFET Output Solid State Relay
logo
COSMO Electronics Corp...
KAQW614H COSMO-KAQW614H Datasheet
222Kb / 10P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQV212H COSMO-KAQV212H Datasheet
208Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com