Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS140L Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS140L
Description  Preliminary specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS140L Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS140L Datasheet HTML 1Page - Vectron International, Inc TFS140L Datasheet HTML 2Page - Vectron International, Inc TFS140L Datasheet HTML 3Page - Vectron International, Inc TFS140L Datasheet HTML 4Page - Vectron International, Inc TFS140L Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
File name: Tfs140L.doc
version 1.2
28.06.2002
VI TELEFILTER
Preliminary specification
TFS 140 L
2/5
3. Construction and pin connection : (All dimensions in mm)
pin grid 2,54 mm
Pin 3
input
Pin 2
input RF Return
Pin 11
output
Pin 10
output RF Return
Pin 1, 8, 9, 16
package ground
Pin 6, 7, 14, 15
not connected
Date-code:
Year+week
M
2000
N
2001
P
2002
...
...
7X2,54=17,78
12 3
6 78
9
10
11
14
15
16
0,50Max.
25,0 Max.
1
TFS
140 L
P55
Date-code
4. 50
- Matching network :
3
2
1
9
10
11
14
15
16
8
7
6
50
50
VI TELEFILTER
Potsdamer Stra
ße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of
their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS140L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS140 ETC1-TFS140 Datasheet
68Kb / 5P
   Filter specification
logo
Vectron International, ...
TFS1400 VECTRON-TFS1400 Datasheet
184Kb / 5P
   Vectron International Filter specification
TFS1400A VECTRON-TFS1400A Datasheet
200Kb / 5P
   Vectron International Filter specification
TFS140A VECTRON-TFS140A Datasheet
38Kb / 4P
   Filter Specification
TFS140A1 VECTRON-TFS140A1 Datasheet
73Kb / 5P
   Filter Specification
More results

Similar Description - TFS140L

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS43A VECTRON-TFS43A Datasheet
68Kb / 5P
   Preliminary Specification
TFS85F VECTRON-TFS85F Datasheet
127Kb / 5P
   Preliminary specification
logo
Shenzhen TOPWAY Technol...
LMT070DNDFWD TOPWAY-LMT070DNDFWD Datasheet
1Mb / 21P
   Preliminary Specification
logo
List of Unclassifed Man...
LC104S1 ETC1-LC104S1 Datasheet
708Kb / 28P
   PRELIMINARY SPECIFICATION
logo
Shenzhen TOPWAY Technol...
LMT040DNPFWD TOPWAY-LMT040DNPFWD Datasheet
1Mb / 23P
   Preliminary Specification
logo
Vectron International, ...
TFS400K VECTRON-TFS400K Datasheet
156Kb / 5P
   Preliminary Specification
TFS525 VECTRON-TFS525 Datasheet
73Kb / 5P
   Preliminary specification
TFS238A VECTRON-TFS238A Datasheet
113Kb / 5P
   Preliminary Specification
TFS868B VECTRON-TFS868B Datasheet
72Kb / 5P
   Preliminary specification
TFS1960 VECTRON-TFS1960 Datasheet
74Kb / 5P
   Preliminary Specification
TFS100C VECTRON-TFS100C Datasheet
39Kb / 5P
   Preliminary Specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com