Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC2812DH Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # DAC2812DH
Description  6W DUAL DC - DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DAC2812DH Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  DAC2812DH Datasheet HTML 1Page - M.S. Kennedy Corporation DAC2812DH Datasheet HTML 2Page - M.S. Kennedy Corporation DAC2812DH Datasheet HTML 3Page - M.S. Kennedy Corporation DAC2812DH Datasheet HTML 4Page - M.S. Kennedy Corporation DAC2812DH Datasheet HTML 5Page - M.S. Kennedy Corporation DAC2812DH Datasheet HTML 6Page - M.S. Kennedy Corporation DAC2812DH Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
DAC2812D•DAC2815D
NOTES:
1.
Unless otherwise stated T
C = 25°, VIN = 28V, –Io= +Io= 100%,
2.
Regulation measured on output pins 1/16" from case. I
o= 100% means 2.5 or 2.7 watts.
3.
Capacitors should be connected from + to common and – to common only.
Capacitance value imbalance should not be more than 4:1.
4.
Up to 80% of total load may be drawn from either output.
PACKAGE & THERMAL SPECIFICATIONS
MIN
TYP
MAX
UNITS
WEIGHT
14GRAMS
TEMPERATURE RISE, junction to case
17
25
°C
TEMPERATURE RISE, ambient
30
°C/W
Rev. B 12/03
3


Similar Part No. - DAC2812DH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DAC2812D MSK-DAC2812D_15 Datasheet
415Kb / 9P
   Wave Solderable Package
More results

Similar Description - DAC2812DH

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
DHC2800S ANAREN-DHC2800S Datasheet
412Kb / 9P
   6W DC-DC CONVERTERS
logo
M.S. Kennedy Corporatio...
DHC2800S MSK-DHC2800S Datasheet
265Kb / 9P
   6W DC-DC CONVERTERS
MSKDHC2800SRG MSK-MSKDHC2800SRG Datasheet
411Kb / 9P
   6W DC-DC CONVERTERS
logo
Murata Power Solutions ...
NCM6 MURATA-PS-NCM6 Datasheet
536Kb / 19P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
NDS6 MURATA-PS-NDS6 Datasheet
146Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP06DA TOPPOWER-TP06DA Datasheet
201Kb / 4P
   6W Wide Input Voltage DC/DC Converters
TP06DB TOPPOWER-TP06DB Datasheet
186Kb / 4P
   6W Wide Voltage Input DC/DC Converters
logo
Murata Manufacturing Co...
NDS6S2405C MURATA-NDS6S2405C Datasheet
235Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
MD605S-03FW MPD-MD605S-03FW Datasheet
808Kb / 4P
   2:1 Input, 6W SIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com