Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIT8545 Datasheet(PDF) 2 Page - Interpion semiconductor

Part # DIT8545
Description  Ceratrans Driver for LCD Backlight
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

DIT8545 Datasheet(HTML) 2 Page - Interpion semiconductor

  DIT8545 Datasheet HTML 1Page - Interpion semiconductor DIT8545 Datasheet HTML 2Page - Interpion semiconductor DIT8545 Datasheet HTML 3Page - Interpion semiconductor DIT8545 Datasheet HTML 4Page - Interpion semiconductor DIT8545 Datasheet HTML 5Page - Interpion semiconductor DIT8545 Datasheet HTML 6Page - Interpion semiconductor DIT8545 Datasheet HTML 7Page - Interpion semiconductor DIT8545 Datasheet HTML 8Page - Interpion semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DIT8545
Aug. 2002
- 2 -
WWW.INTERPIONSEMI.COM
Ceratrans Driver for LCD Backlight
PIN DESCRIPTIONS
NO
SYMBOL
I/O
DESCRIPTION
1
CT
I
TIMING CAPACITOR CONNECTION
2
RT
I
TIMING RESISTOR CONNECTION
3
EI
I
ERROR AMPLIFIER INPUT
4
EO
O
ERROR AMPLIFIER OUTPUT
5
TONCTL
I
SWITCH ON TIME CONTROL INPUT
6
PROT
I
OPEN LAMP PROTECTION INPUT
7
ON/OFF
-
ON/OFF CONTROL INPUT
8
GND
I
GROUND
9
OUT
O
OUTPUT
10
VCC
-
SUPPLY VOLTAGE INPUT
PIN CONNECTIONS
OUT
GND
PROT
CT
1
RT
2
EI
3
EO
4
5
TONCTL
VCC
ON/OFF
DIT8545
6
7
8
9
10


Similar Part No. - DIT8545

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIT4096 TI-DIT4096 Datasheet
340Kb / 22P
[Old version datasheet]   96kHz Digital Audio Transmitter
DIT4096 TI1-DIT4096 Datasheet
939Kb / 26P
[Old version datasheet]   96kHz Digital Audio Transmitter
DIT4096IPW TI-DIT4096IPW Datasheet
340Kb / 22P
[Old version datasheet]   96kHz Digital Audio Transmitter
DIT4096IPW TI1-DIT4096IPW Datasheet
939Kb / 26P
[Old version datasheet]   96kHz Digital Audio Transmitter
DIT4096IPWG4 TI1-DIT4096IPWG4 Datasheet
939Kb / 26P
[Old version datasheet]   96kHz Digital Audio Transmitter
More results

Similar Description - DIT8545

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
   WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Hitachi Semiconductor
INVC444 HITACHI-INVC444 Datasheet
97Kb / 1P
   BACKLIGHT FOR LCD
logo
Micro Linear Corporatio...
ML4877 MICRO-LINEAR-ML4877 Datasheet
289Kb / 11P
   LCD Desktop Backlight Lamp Driver
logo
ams AG
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
   16 channel white LED driver for LCD backlight
logo
Allegro MicroSystems
A8507 ALLEGRO-A8507 Datasheet
600Kb / 16P
   LED Backlight Driver for LCD Monitors and Televisions
A8512 ALLEGRO-A8512 Datasheet
612Kb / 18P
   LED Backlight Driver for LCD Monitors and Televisions
logo
Analog Devices
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
   Four-String, White LED Driver for LCD Backlight Applications
REV. A
logo
Rohm
BD9206EFV ROHM-BD9206EFV_14 Datasheet
1Mb / 21P
   Simple Structure Constant Current Backlight Driver for LCD panels
logo
ams AG
AS3693B AMSCO-AS3693B Datasheet
3Mb / 33P
   16 Channel high precision LED driver for LCD Backlight
AS3693A AMSCO-AS3693A Datasheet
71Kb / 3P
   16 channel high precision LED driver for LCD backlight
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com