Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH08T240WAS Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T240WAS
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240WAS Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTH08T240WAS Datasheet HTML 2Page - Texas Instruments PTH08T240WAS Datasheet HTML 3Page - Texas Instruments PTH08T240WAS Datasheet HTML 4Page - Texas Instruments PTH08T240WAS Datasheet HTML 5Page - Texas Instruments PTH08T240WAS Datasheet HTML 6Page - Texas Instruments PTH08T240WAS Datasheet HTML 7Page - Texas Instruments PTH08T240WAS Datasheet HTML 8Page - Texas Instruments PTH08T240WAS Datasheet HTML 9Page - Texas Instruments PTH08T240WAS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
www.ti.com
TYPICAL CHARACTERISTICS(1)(2)
CHARACTERISTIC DATA ( VI =12V)
02
46
8
10
0
0.5
1.0
2.5
2.0
3.0
4.0
3.5
1.5
IO − Output Current − A
VI = 12 V
VO = 5.0 V
VO = 3.3 V
VO = 1.8 V
VO = 1.2 V
VO = 2.5 V
20
40
30
50
60
70
90
80
100
IO − Output Current − A
VI = 12 V
VO = 1.8 V
VO = 1.2 V
VO = 5.0 V
VO = 3.3 V
VO = 2.5 V
24
6
8
10
0
6810
12
16
14
0
0
24
2
4
8
6
10
IO − Output Current − A
VI = 12 V
VO = 5.0 V
VO = 3.3 V
VO = 2.5 V
VO = 1.2 V
VO = 1.8 V
IO − Output Current − A
0
2
4
6810
20
40
30
50
70
60
90
80
400 LFM
Natural
Convection
200 LFM
100 LFM
VI = 12 V
VO = 3.3 V
PTH08T240W
SLTS264A–NOVEMBER 2005–REVISED MARCH 2006
EFFICIENCY
OUTPUT RIPPLE
POWER DISSIPATION
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 1.
Figure 2.
Figure 3.
SAFE OPERATING AREA
Figure 4.
(1) The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 1, Figure 2, and Figure 3.
(2) The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100 mm x 100 mm double-sided PCB with 2 oz. copper.
For surface mount packages (AS and AZ suffix), multiple vias must be utilized. Please refer to the mechanical specification for more
information. Applies to Figure 4.
6
Submit Documentation Feedback


Similar Part No. - PTH08T240WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T240WAS TI-PTH08T240WAS Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240WAS TI-PTH08T240WAS Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240WAST TI-PTH08T240WAST Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240WAST TI-PTH08T240WAST Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
More results

Similar Description - PTH08T240WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T241W TI-PTH08T241W Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240W TI-PTH08T240W_07 Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240W TI-PTH08T240W_15 Datasheet
1Mb / 39P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T230W TI-PTH08T230W Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T220W TI-PTH08T220W Datasheet
1Mb / 37P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T260W TI-PTH08T260W Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T220W TI-PTH08T220W_09 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T230W TI-PTH08T230W_07 Datasheet
1Mb / 36P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com