Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8554 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC8554
Description  16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8554 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  DAC8554 Datasheet HTML 1Page - Burr-Brown (TI) DAC8554 Datasheet HTML 2Page - Burr-Brown (TI) DAC8554 Datasheet HTML 3Page - Burr-Brown (TI) DAC8554 Datasheet HTML 4Page - Burr-Brown (TI) DAC8554 Datasheet HTML 5Page - Burr-Brown (TI) DAC8554 Datasheet HTML 6Page - Burr-Brown (TI) DAC8554 Datasheet HTML 7Page - Burr-Brown (TI) DAC8554 Datasheet HTML 8Page - Burr-Brown (TI) DAC8554 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
DESCRIPTION
APPLICATIONS
DAC
Register D
Data
Buffer A
DAC
Register A
DAC A
Data
Buffer D
DAC D
Buffer
Control
Register
Control
24-Bit
Serial-to-
Parallel Shift
Register
18
8
Power-Down
Control Logic
Resistor
Network
AVDD
IOVDD
VrefH
VOUTA
VOUTB
VOUTC
VOUTD
VrefL
ENABLE
LDAC
A1
A0
SYNC
SCLK
DIN
DAC8554
SLAS431A – JUNE 2005 – REVISED AUGUST 2005
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT
DIGITAL-TO-ANALOG CONVERTER
Relative Accuracy: 12 LSB (Max)
The DAC8554 is a 16-bit, quad channel, voltage
output, digital-to-analog converter (DAC), offering
Glitch Energy: 0.15 nV-s
low-power
operation
and
a
flexible
serial
host
Power Supply: +2.7 V to +5.5 V
interface. It offers monotonicity, good linearity, and
MicroPower Operation: 850 µA at 5 V
exceptionally low glitch. Each on-chip precision out-
16-Bit Monotonic Over Temperature
put amplifier allows rail-to-rail output swing to be
achieved over the supply range of 2.7 V to 5.5 V. The
Settling Time: 10 µs to
±0.003% FSR
device supports a standard 3-wire serial interface
Ultra-Low AC Crosstalk: –100 dB Typ
capable of operating with input data clock frequencies
Power-On Reset to Zero-Scale
up to 50 MHz for IOVDD = 5 V.
On-Chip Output Buffer Amplifier With
The DAC8554 requires an external reference voltage
Rail-to-Rail Operation
to set the output range of each DAC channel. Also
incorporated into the device is a power-on reset
Double Buffered Input Architecture
circuit which ensures that the DAC outputs power up
Simultaneous or Sequential Output Update
at zero-scale and remain there until a valid write
and Power-Down
takes place. The DAC8554 provides a per channel
16-Channel Broadcast Capability
power-down
feature,
accessed
over
the
serial
interface, that reduces the current consumption to
Schmitt-Triggered Inputs
200 nA per channel at 5 V.
SPI Compatible Serial Interface: Up to 50 MHz
The low-power consumption of this device in normal
1.8 V to 5.5 V Logic Compatibility
operation makes it ideally suited to portable battery-
Available in a TSSOP-16 Package
operated equipment and other low-power appli-
cations. The power consumption is 4.25 mW at 5 V,
reducing to 4 µW in power-down mode.
Portable Instrumentation
The DAC8554 is available in a TSSOP-16 package
Closed-Loop Servo-Control
with a specified operating temperature range of
Process Control
–40
°C to 105°C.
Data Acquisition Systems
Programmable Attenuation
PC Peripherals
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI, QSPI are trademarks of Motorola.
Microwire is a trademark of National Semiconductor.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC8554

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI1-DAC8550 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550B BURR-BROWN-DAC8550B Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550IBDGKR BURR-BROWN-DAC8550IBDGKR Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550IBDGKR TI1-DAC8550IBDGKR Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
More results

Similar Description - DAC8554

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7554 TI-DAC7554 Datasheet
1Mb / 21P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554IDGSRG4 TI1-DAC7554IDGSRG4 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI-DAC7558 Datasheet
1Mb / 25P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI-DAC7553 Datasheet
774Kb / 20P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com