Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC7991X Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7991X
Description  SONET/SDH 10.7Gb/s Electroabsorption Modulator/Laser Diode Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7991X Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7991X Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7991X Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7991X Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7991X Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7991X Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7991X Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7991X Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7991X Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7991X Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7991
SDH/SONET 10.7Gb/s
Electroabsorption Modulator/Laser Diode Driver
Page 2
G52321-0, Rev 2.3
02/26/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
AC Characteristics (Over recommended operating conditions)
Table 1: High Speed Inputs /Outputs
Table 2: Laser Driver AC Electrical Specifications
DC Characteristics (Over recommended operating conditions)
Table 3: Power Dissipation
Table 4: Laser Driver DC Electrical Specifications
NOTE: DIN and NDIN inputs need to be driven differentially. If single-ended drive is desired, it is necessary to add a DC bias to the unused pin.
Symbol
Parameter
Min
Typ
Max
Units
Conditions
IRL
Input Return Loss
, 50Ω System
−15
dB
50MHz to 10GHz
ORL
Output Return Loss, 50
Ω System
−12
dB
50MHz to 10GHz
Symbol
Parameter
Min
Typ
Max
Units
Conditions
tR tF
Output Rise and Fall Times

38
ps
50
Ω load, 20% to 80%, V
MOD
= 3V
Jitter
Output Jitter

15
ps/p-p
50
Ω Load, V
MOD = 3V
Overshoot/Undershoot
−10
+10
%
Duty-Cycle
−25
+25
%
DCC in the range of VSS
0.5V to VSS +2V
Symbol
Parameter
Min
Typ
Max
Units
Conditions
IVSS
Power Supply Current (VSS)
300
330
mA
VSS = −6.8, RL = 50Ω to GND,
IMOD = 120mA, VBIAS = 0V
PD
Total Power Dissipation
2040
2244
mW
VSS = −6.8, RL = 50Ω to GND
IMOD = 120mA, VBIAS = 0V
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VBIAS
Programmable Output Offset Voltage
−0.8
0V
VMOD
Modulation Voltage Amplitude
1.5
3V
VOCM
Output Voltage Compliance
4
V
IB, IBN
Laser Bias Control Voltage
−10
0V
VIP
Laser Modulation Control Voltage
VSS
VSS +
0.7
V
VIH
Input High Voltage
−150
0mV
VIL
Input Low Voltage
−1.00
−0.60
V
VSW
(1)
Input Voltage Swing
450
1000
mVp-p
DCC
Duty-Cycle Control
VSS
0.5V
VSS+
2V


Similar Part No. - VSC7991X

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7992 VITESSE-VSC7992 Datasheet
459Kb / 2P
   10.7 Gb/s RZ or NRZ Laser Modulator Driver
VSC7997 VITESSE-VSC7997 Datasheet
425Kb / 2P
   10.7 Gb/s Transimpedance Amplifier
VSC7998 VITESSE-VSC7998 Datasheet
425Kb / 2P
   10.7 Gb/s Transimpedance Amplifier
VSC7999 VITESSE-VSC7999 Datasheet
97Kb / 2P
   11.3 Gb/s Transimpedance Amplifiers with Photocurrent Monitor and Input Slicing Adjust
More results

Similar Description - VSC7991X

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7928 VITESSE-VSC7928 Datasheet
131Kb / 10P
   SONET/SDH 3.2Gb/s Laser Diode Driver
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Micrel Semiconductor
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922 Datasheet
84Kb / 8P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922_06 Datasheet
479Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
logo
TriQuint Semiconductor
TGA4807 TRIQUINT-TGA4807 Datasheet
635Kb / 12P
   10.7Gb/s Modulator Driver Amplifier
TGA4807 TRIQUINT-TGA4807_15 Datasheet
635Kb / 12P
   10.7Gb/s Modulator Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com