Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XN0F261 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # XN0F261
Description  Silicon NPN epitaxial planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XN0F261 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  XN0F261 Datasheet HTML 1Page - Panasonic Semiconductor XN0F261 Datasheet HTML 2Page - Panasonic Semiconductor XN0F261 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Publication date: July 2003
SJJ00228AED
Composite Transistors
XN0F261
Silicon NPN epitaxial planar type
For muting
■ Features
• Two elements incorporated into one package
(Collector-coupled transistors with built-in resistor)
• Reduction of the mounting area and assembly cost by one half
■ Absolute Maximum Ratings T
a
= 25°C
Unit: mm
Internal Connection
Marking Symbol: 6B
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
30
V
Collector-emitter voltage (Base open)
VCEO
20
V
Emitter-base voltage (Collector open)
VEBO
5V
Collector current
IC
600
mA
Total power dissipation
PT
300
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
6
Tr2
Tr1
5
4
3
1
2
■ Electrical Characteristics T
a
= 25°C ± 3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC
= 1 µA, I
E
= 030
V
Collector-emitter voltage (Base open)
VCEO
IC = 1 mA, IB = 020
V
Emitter-base voltage (Collector open)
VEBO
IE = 1 µA, IC = 05
V
Collector-base cutoff current (Emitter open)
ICBO
VCB
= 30 V, I
E
= 01
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB = 5 V, IC = 01
µA
Forward current transfer ratio
hFE
VCE = 5 V, IC = 50 mA
100
600
Collector-emitter saturation voltage
VCE(sat)
IC
= 50 mA, I
B
= 2.5 mA
80
mV
Input resistance
R1
−30%
3.3
+30%
k
Transition frequency
fT
VCB = 10 V, IE = −50 mA, f = 200 MHz
200
MHz
2.90
1.9±0.1
0.16
+0.10
–0.06
(0.95)
0.30
+0.10
–0.05
0.50
+0.10
–0.05
(0.95)
6
5
4
1
32
+0.20
–0.05
10˚
1: Emitter (Tr1)
4: Base (Tr2)
2: Collector
5: N.C.
3: Emitter (Tr2)
6: Base (Tr1)
EIAJ: SC-74
Mini6-G1 Package


Similar Part No. - XN0F261

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN0F262 PANASONIC-XN0F262 Datasheet
75Kb / 3P
   Silicon NPN epitaxial planar type
More results

Similar Description - XN0F261

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
UNR2225 PANASONIC-UNR2225 Datasheet
133Kb / 5P
   Silicon NPN epitaxial planar type
2SD1707 PANASONIC-2SD1707 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type
logo
Guangdong Kexin Industr...
2SC5026 KEXIN-2SC5026 Datasheet
50Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD874 KEXIN-2SD874 Datasheet
52Kb / 2P
   Silicon NPN Epitaxial Planar Type
logo
Panasonic Semiconductor
2SC1567 PANASONIC-2SC1567 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SC1568 PANASONIC-2SC1568 Datasheet
94Kb / 4P
   Silicon NPN epitaxial planar type
2SC2590 PANASONIC-2SC2590 Datasheet
80Kb / 3P
   Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
MT3S03AS TOSHIBA-MT3S03AS Datasheet
119Kb / 2P
   SILICON NPN EPITAXIAL PLANAR TYPE
logo
Panasonic Semiconductor
UNR1211 PANASONIC-UNR1211 Datasheet
347Kb / 14P
   Silicon NPN epitaxial planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com