Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC7217UC Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC7217UC
Description  Multi-Gigabit Interconnect Chip
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7217UC Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC7217UC Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7217UC Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7217UC Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7217UC Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7217UC Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7217UC Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7217UC Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7217UC Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7217UC Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 7
6/14/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC7217
Multi-Gigabit Interconnect Chip
G52325-0, Rev. 3.0
mary or redundant serial input as the data source for that channel. When
RXP/RC is HIGH, the C channel serial
data source is
PRXC. When LBENn(1:0)=10, the channel’s transmitter is looped back and becomes the serial
data source regardless of the state of
RXP/Rn (see Table 4).
Table 4: Serial Data Source Selection
Signal Detection
Each channel’s primary and redundant PECL input buffers have an associated signal detect output,
PSDETn and RSDETn. All eight outputs are available for continuous monitoring of both the selected and non-
selected input. Each signal detect output is asserted HIGH when transitions are detected on the associated PECL
input and the signal amplitude exceeds 200 mV. A LOW indicates that either no transitions are detected or the
signal amplitude is below 100mV. The signal detect outputs are considered undefined when the signal ampli-
tude is in the 100mV to 200 mV range. The signal detect circuitry behaves like a re-triggerable one shot that is
triggered by signal transitions, and whose time-out interval ranges from 40 to 80 bit times. The transition den-
sity is not checked to ensure that it corresponds to a valid Fibre Channel data stream. The
PSDETn and
RSDETn output timing is identical to the low-speed receiver outputs, as selected by RMODE(1:0) in Table 5.
Receiver Equalization
Incoming data on the
PRX/RRX inputs typically contains a substantial amount of Inter Symbol Interfer-
ence (ISI) or deterministic jitter which reduces the ability of the receiver to recover data without errors. An
equalizer has been added to each of the receiver’s input buffers in order to compensate for this deterministic jit-
ter. This circuit has been designed to effectively reduce the ISI commonly found in copper cables or backplane
traces due to low frequencies traveling faster than high frequencies as a result of the skin effect. The equalizer
boosts high-frequency edge response in order to reduce the adverse effects of ISI.
Clock and Data Recovery
At the receiver, each channel contains an independent Clock Recovery Unit (CRU) that accepts the selected
serial input source, extracts the high-speed clock and retimes the data. Each CRU automatically locks on data
and if the data is not present, will automatically lock to the
REFCLK. This maintains a very well-behaved
recovered clock (
RCLKn/RCLKNn) which does not contain any slivers and will operate at a frequency of the
REFCLK reference
±200 ppm. The use of an external Lock-to-Reference pin is not needed.
The Clock Recovery Unit must perform bit synchronization which occurs when the CRU locks onto and
properly samples the incoming serial data as described in the previous paragraph. When the CRU is not locked
onto the serial data, the 10-bit data out of the decoder is invalid which results in numerous 8B/10B decoding
errors or disparity errors. When the link is disturbed (the cable is disconnected or the serial data source is
switched), the CRU will require a certain amount of time to lock onto data which is specified in the AC timing
specifications for “Data Acquisition Lock Time.”
LBENn(1:0)
RXP/Rn
Serial Data Source
≠ 1 0
0
RRXn
≠ 1 0
1
PRXn
= 1 0
X
LBTXn
Loopback fromTransmitters


Similar Part No. - VSC7217UC

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7212 VITESSE-VSC7212 Datasheet
504Kb / 34P
   Gigabit Interconnect Chip
VSC7212RG VITESSE-VSC7212RG Datasheet
504Kb / 34P
   Gigabit Interconnect Chip
VSC7216-01 VITESSE-VSC7216-01 Datasheet
547Kb / 38P
   Multi-Gigabit Interconnect Chip
VSC7216-02 VITESSE-VSC7216-02 Datasheet
113Kb / 2P
   02 Low Power Quad 1.25Gb/s Backplane Transceiver
VSC7216UC-01 VITESSE-VSC7216UC-01 Datasheet
547Kb / 38P
   Multi-Gigabit Interconnect Chip
More results

Similar Description - VSC7217UC

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7216-01 VITESSE-VSC7216-01 Datasheet
547Kb / 38P
   Multi-Gigabit Interconnect Chip
VSC7212 VITESSE-VSC7212 Datasheet
504Kb / 34P
   Gigabit Interconnect Chip
logo
List of Unclassifed Man...
G-SFP-W ETC2-G-SFP-W Datasheet
274Kb / 3P
   Gigabit Multi-Mode SFP Transceiver
logo
MRV Communications, Inc...
SFP-GD-MX MRV-SFP-GD-MX Datasheet
76Kb / 4P
   Multi-mode Gigabit Ethernet SFP Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1636 HP-HDMP-1636 Datasheet
325Kb / 15P
   Gigabit Ethernet Transceiver Chip
logo
OPLINK Communications I...
TRPEG1KVX-G OPLINK-TRPEG1KVX-G Datasheet
328Kb / 6P
   Very Long Haul Multi-rate Gigabit Ethernet
logo
Moxa Inc.
TN-G4500 MOXA-TN-G4500 Datasheet
615Kb / 5P
   EN 50155 layer 2 multi-Gigabit switches
logo
OPLINK Communications I...
TXP3XGHL2X OPLINK-TXP3XGHL2X Datasheet
700Kb / 6P
   Multi-rate 10-Gigabit 80km XFP Transceivers
logo
PCA ELECTRONICS INC.
EPJ4031-4-S24 PCA-EPJ4031-4-S24 Datasheet
70Kb / 1P
   RJ-45 Filter Gigabit Multi-Port Jack
logo
OPLINK Communications I...
TXP3XGGI2X OPLINK-TXP3XGGI2X Datasheet
756Kb / 6P
   Multi-rate 10-Gigabit 40km XFP Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com