Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U3762MB-MFNG3 Datasheet(PDF) 9 Page - TEMIC Semiconductors

Part # U3762MB-MFNG3
Description  Universal Telephone IC - All Functions Integrated
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3762MB-MFNG3 Datasheet(HTML) 9 Page - TEMIC Semiconductors

Back Button U3762MB-MFNG3 Datasheet HTML 5Page - TEMIC Semiconductors U3762MB-MFNG3 Datasheet HTML 6Page - TEMIC Semiconductors U3762MB-MFNG3 Datasheet HTML 7Page - TEMIC Semiconductors U3762MB-MFNG3 Datasheet HTML 8Page - TEMIC Semiconductors U3762MB-MFNG3 Datasheet HTML 9Page - TEMIC Semiconductors U3762MB-MFNG3 Datasheet HTML 10Page - TEMIC Semiconductors U3762MB-MFNG3 Datasheet HTML 11Page - TEMIC Semiconductors U3762MB-MFNG3 Datasheet HTML 12Page - TEMIC Semiconductors U3762MB-MFNG3 Datasheet HTML 13Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
U3762MB
Preliminary Information
Rev. A1, 15-Sep-98
9 (23)
Keyboard Operation
C1
C2
C3
C4
1
2
3
R1
4
5
6
R2
7
8
9
F
R3
:/T
0
#
R/P
R4
D R/P: Redial and pause function key
D:/T: : function;
pulse-to-tone function
D F: Flash key
D
: hand set, MIC mute
Normal Dialing
OFF HOOK
,
D1
,
D2
, ...,
Dn
1.
D1, D2, ..., Dn will be dialed out.
2.
Dialing length is unlimited, but redial is inhibited if length oversteps 32 digits.
3.
If redialing length oversteps 32 digits, the redialing function will be inhibited.
Redialing
OFF HOOK
,
D1
,
D2
, ...,
Dn
BUSY, Come
ON HOOK
,
OFF HOOK
,
R/P
The
R/P key can execute the redial function only as the first key-in after off-hook;
otherwise, it executes the pause function (3.6 s).
Keys stored in redial memory: 0 to 9, *, #, R/P, F


Similar Part No. - U3762MB-MFNG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3760MB TEMIC-U3760MB Datasheet
317Kb / 19P
   Low-Voltage Standard Telephone Circuit
U3760MB-MFN TEMIC-U3760MB-MFN Datasheet
317Kb / 19P
   Low-Voltage Standard Telephone Circuit
U3760MB-MFNG3 TEMIC-U3760MB-MFNG3 Datasheet
317Kb / 19P
   Low-Voltage Standard Telephone Circuit
U3760MB-MSD TEMIC-U3760MB-MSD Datasheet
317Kb / 19P
   Low-Voltage Standard Telephone Circuit
U3761MB TEMIC-U3761MB Datasheet
407Kb / 23P
   Low Voltage Standard Telephone Circuit with 13 Memories
More results

Similar Description - U3762MB-MFNG3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3761MB-T ATMEL-U3761MB-T Datasheet
342Kb / 27P
   Universal Telephone IC - All Functions Integrated
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
SHENZHEN FUMAN ELECTRON...
TC2101 FUMAN-TC2101 Datasheet
756Kb / 15P
   Telephone IC
logo
Fujitsu Component Limit...
MB4509 FUJITSU-MB4509 Datasheet
676Kb / 19P
   TELEPHONE IC
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
SHENZHEN FUMAN ELECTRON...
SC91415 FUMAN-SC91415 Datasheet
677Kb / 19P
   Telephone dialing IC
TC9102A FUMAN-TC9102A Datasheet
403Kb / 9P
   Telephone dialing IC
logo
Panasonic Semiconductor
KX-TS500MX PANASONIC-KX-TS500MX Datasheet
96Kb / 2P
   Integrated Telephone System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com