Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V68A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # V68A
Description  68 Lead Molded Plastic Leaded Chip Carrier NS Package Number V68A
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

V68A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  V68A Datasheet HTML 1Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
August 1994
68 Lead Molded Plastic Leaded Chip Carrier
NS Package Number V68A
All dimensions are in inches millimeters
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL
SEMICONDUCTOR CORPORATION As used herein
1 Life support devices or systems are devices or
2 A critical component is any component of a life
systems which (a) are intended for surgical implant
support device or system whose failure to perform can
into the body or (b) support or sustain life and whose
be reasonably expected to cause the failure of the life
failure to perform when properly used in accordance
support device or system or to affect its safety or
with instructions for use provided in the labeling can
effectiveness
be reasonably expected to result in a significant injury
to the user
National Semiconductor
National Semiconductor
National Semiconductor
National Semiconductor
Corporation
Europe
Hong Kong Ltd
Japan Ltd
1111 West Bardin Road
Fax a49 (0) 180-530 85 86
13th Floor Straight Block
Tel 81-043-299-2308
Arlington TX 76017
Email europesupport nsccom
Ocean Centre 5 Canton Rd
Fax 81-043-299-2408
Tel 1(800) 272-9959
Deutsch Tel a49 (0) 180-530 85 85
Tsimshatsui Kowloon
Fax 1(800) 737-7018
English
Tel a49 (0) 180-532 78 32
Hong Kong
Fran ais Tel a49 (0) 180-532 93 58
Tel (852) 2737-1600
http
www nationalcom
Italiano
Tel a49 (0) 180-534 16 80
Fax (852) 2736-9960
National does not assume any responsibility for use of any circuitry described no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications


Similar Part No. - V68A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V680 OMRON-V680 Datasheet
16Mb / 59P
   RFID Systems with ISO/IEC 18000-3(15693) Compliance
V680-A-IMMCN-P02X OMRON-V680-A-IMMCN-P02X Datasheet
16Mb / 59P
   RFID Systems with ISO/IEC 18000-3(15693) Compliance
V680-A-IMMEG-P02X OMRON-V680-A-IMMEG-P02X Datasheet
16Mb / 59P
   RFID Systems with ISO/IEC 18000-3(15693) Compliance
V680-A-IMMJP-P02X OMRON-V680-A-IMMJP-P02X Datasheet
16Mb / 59P
   RFID Systems with ISO/IEC 18000-3(15693) Compliance
V680-A60 OMRON-V680-A60 Datasheet
16Mb / 59P
   RFID Systems with ISO/IEC 18000-3(15693) Compliance
More results

Similar Description - V68A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT8510 ETC1-BT8510 Datasheet
6Mb / 78P
   68-pin Plastic Leaded Chip Carrier (PLCC)
logo
National Semiconductor ...
TA03A NSC-TA03A Datasheet
59Kb / 1P
   3 Lead Molded TO-220 NS Package Number
TA12A NSC-TA12A Datasheet
54Kb / 1P
   12 Lead Molded TO-220 NS Package Number TA12A
Z03B NSC-Z03B Datasheet
63Kb / 1P
   3 Lead Molded TO-92 NS Package Number Z03B
P03B NSC-P03B Datasheet
59Kb / 1P
   3 Lead Molded TO-202 NS Package Number P03B
TA02A NSC-TA02A Datasheet
60Kb / 1P
   2 Lead Molded TO - 220 NS Package Number TA02A
UP159A NSC-UP159A Datasheet
70Kb / 1P
   159 Pin Molded Plastic Pin Grid Array NS Package Number UP159A
logo
List of Unclassifed Man...
PLCC28 ETC1-PLCC28 Datasheet
48Kb / 1P
   PLASTIC LEADED CHIP CARRIER
logo
KODENSHI_AUK CORP.
KP3020BSKA2C-LM2 KODENSHI-KP3020BSKA2C-LM2 Datasheet
179Kb / 5P
   Plastic leaded chip carrier
KP3014W00A1B KODENSHI-KP3014W00A1B Datasheet
136Kb / 6P
   Plastic leaded chip carrier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com