Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TG2509-EPU-FL Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TG2509-EPU-FL
Description  Wideband Packaged HPA with AGC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TG2509-EPU-FL Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TG2509-EPU-FL Datasheet HTML 4Page - TriQuint Semiconductor TG2509-EPU-FL Datasheet HTML 5Page - TriQuint Semiconductor TG2509-EPU-FL Datasheet HTML 6Page - TriQuint Semiconductor TG2509-EPU-FL Datasheet HTML 7Page - TriQuint Semiconductor TG2509-EPU-FL Datasheet HTML 8Page - TriQuint Semiconductor TG2509-EPU-FL Datasheet HTML 9Page - TriQuint Semiconductor TG2509-EPU-FL Datasheet HTML 10Page - TriQuint Semiconductor TG2509-EPU-FL Datasheet HTML 11Page - TriQuint Semiconductor TG2509-EPU-FL Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Advance Product Information
September 15, 2004
10
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process
specifications. Specifications are subject to change without notice.
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994-8504 Email: info-mmw@tqs.com Web: www.triquint.com
Evaluation Board Drawing
Vc
Vg1
Vd
Vg2
RF In
RF Out
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should
be observed during handling, assembly and test.
TGA2509-EPU-FL
Bias Procedures:
Vc bias connection is optional, but the 0.1uF cap always needs to be connected.
For biasing without AGC control:
1. Apply -1.2V to Vg1, and -1.2V to Vg2.
2. Apply +12V to Vd.
4. Adjust Vg1 to attain 580 mA drain current (Id)
4. Adjust Vg2 to attain 1080 mA total drain current (Id).
For biasing with AGC control:
1. Apply -1.2V to Vg1 and -1.2V to Vg2
2. Apply +12V to Vd
3. Apply +2.6V to Vc
4. Adjust Vg1 to attain 580 mA drain current (Id)
5. Adjust Vg2 to attain 1080 mA total drain current (Id).
6. Adjust Vc as needed to control gain level.


Similar Part No. - TG2509-EPU-FL

ManufacturerPart #DatasheetDescription
logo
HALO Electronics, Inc.
TG25-1205NM5LF HALO-TG25-1205NM5LF Datasheet
394Kb / 2P
   SMD Dual Port or Quad Channel T1/E1 Transformers
TG25-1205NM5RL HALO-TG25-1205NM5RL Datasheet
394Kb / 2P
   SMD Dual Port or Quad Channel T1/E1 Transformers
TG25-1505NZLF HALO-TG25-1505NZLF Datasheet
380Kb / 3P
   SMD Dual Port T1/E1 Transformers
TG25-1505NZRL HALO-TG25-1505NZRL Datasheet
380Kb / 3P
   SMD Dual Port T1/E1 Transformers
logo
List of Unclassifed Man...
TG2511 ETC2-TG2511 Datasheet
456Kb / 1P
   Information for distributors and agents
More results

Similar Description - TG2509-EPU-FL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2509 TRIQUINT-TGA2509_15 Datasheet
432Kb / 8P
   Wideband 1W HPA with AGC
TGA2509 TRIQUINT-TGA2509 Datasheet
180Kb / 7P
   Wideband 1 W HPA with AGC
TGA2509-FL TRIQUINT-TGA2509-FL_15 Datasheet
1Mb / 10P
   Wideband 1 W HPA with AGC
logo
United Monolithic Semic...
CHA5356-QGG UMS-CHA5356-QGG_15 Datasheet
662Kb / 16P
   17.7-23.6GHz Packaged HPA
logo
TriQuint Semiconductor
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
   Wideband LNA with AGC
TGA2925-SG TRIQUINT-TGA2925-SG Datasheet
268Kb / 10P
   5.6 Watt 3.5GHz Packaged HPA
TGA4906-SM TRIQUINT-TGA4906-SM Datasheet
503Kb / 13P
   4 Watt Ka-Band Packaged HPA
logo
Zarlink Semiconductor I...
SL6140 ZARLINK-SL6140 Datasheet
476Kb / 10P
   400MHZ WIDEBAND AGC AMPLIFIER
logo
Mitel Networks Corporat...
SL6140 MITEL-SL6140 Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com