Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW080510R0F Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CRCW080510R0F
Description  Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CRCW080510R0F Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CRCW080510R0F Datasheet HTML 5Page - National Semiconductor (TI) CRCW080510R0F Datasheet HTML 6Page - National Semiconductor (TI) CRCW080510R0F Datasheet HTML 7Page - National Semiconductor (TI) CRCW080510R0F Datasheet HTML 8Page - National Semiconductor (TI) CRCW080510R0F Datasheet HTML 9Page - National Semiconductor (TI) CRCW080510R0F Datasheet HTML 10Page - National Semiconductor (TI) CRCW080510R0F Datasheet HTML 11Page - National Semiconductor (TI) CRCW080510R0F Datasheet HTML 12Page - National Semiconductor (TI) CRCW080510R0F Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Application Information (Continued)
is approximated by the curve FREQUENCY vs. FRE-
QUENCY ADJUST RESISTOR in the Typical Performance
Characteristics section.
When it is desired to synchronize the switching frequency
with an external clock source, the LM2747 has the unique
ability to synchronize from this external source within the
range of 250 kHz to 1 MHz. The external clock signal should
be AC coupled to the FREQ/SYNC pin as shown below in
Figure 1, where the R
FADJ is chosen so that the fixed fre-
quency is approximately within ±30% of the external syn-
chronizing clock frequency. An internal protection diode
clamps the low level of the synchronizing signal to approxi-
mately -0.5V. The internal clock synchrinizes to the rising
edge of the external clock.
It is recommended to choose an AC coupling capacitance in
the range of 50 pF to 100 pF. Exceeding the recommended
capacitance may inject excessive energy through the inter-
nal clamping diode structure present on the FREQ/SYNC
pin.
The typical trip level of the synchronization pin is 1.5V. To
ensure proper synchronization and to avoid damaging the
IC, the peak-to-peak value (amplitude) should be between
2.5V and V
CC. The minimum width of this pulse must be
greater than 100 ns, and it’s maximum width must be 100ns
less than the period of the switching cycle.
The external clock synchronization process begins once the
LM2747 is enabled and an external clock signal is detected.
During the external clock synchronization process the inter-
nal clock initially switches at approximately 1.5 MHz and
decreases until it has matched the external clock’s fre-
quency. The lock-in period is approximately 30 µs if the
external clock is switching at 1 MHz, and about 100 µs if the
external clock is at 200 kHz. When there is no clock signal
present, the LM2747 enters into fixed-frequency mode and
begins switching at the frequency set by the R
FADJ resistor.
If the external clock signal is removed after frequency syn-
chronization, the LM2747 will enter fixed-frequency mode
within two clock cycles. If the external clock is removed
within the 30 µs lock-in period, the LM2747 will re-enter
fixed-frequency mode within two internal clock cycles after
the lock-in period.
OUTPUT PRE-BIAS STARTUP
If there is a pre-biased load on the output of the LM2747
during startup, the IC will disable switching of the low-side
MOSFET and monitor the SW node voltage during the off-
time of the high-side MOSFET. There is no load current
sensing while in pre-bias mode because the low-side MOS-
FET never turns on. The IC will remain in this pre-bias mode
until it sees the SW node stays below 0V during the entire
high-side MOSFET’s off-time. Once it is determined that the
SW node remained below 0V during the high-side off-time,
the low-side MOSFET begins switching during the next
switching cycle. Figure 2 shows the SW node, HG, and LG
signals during pre-bias startup. The pre-biased output volt-
age should not exceed V
CC +VGS of the external High-Side
MOSFET to ensure that the High-Side MOSFET will be able
to switch during startup.
TRACKING A VOLTAGE LEVEL
The LM2747 can track the output of a master power supply
during soft-start by connecting a resistor divider to the SS/
TRACK pin. In this way, the output voltage slew rate of the
LM2747 will be controlled by the master supply for loads that
require precise sequencing. When the tracking function is
used no soft-start capacitor should be connected to the
SS/TRACK pin. However in all other cases, a C
SS value of at
least 1 nF between the soft-start pin and ground should be
used.
One way to use the tracking feature is to design the tracking
resistor divider so that the master supply’s output voltage
(V
OUT1) and the LM2747’s output voltage (represented sym-
bolically in Figure 3 as V
OUT2, i.e. without explicitly showing
the power components) both rise together and reach their
20150989
FIGURE 1. AC Coupled Clock
20150991
FIGURE 2. Output Pre-Bias Mode Waveforms
20150907
FIGURE 3. Tracking Circuit
www.national.com
9


Similar Part No. - CRCW080510R0F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CRCW080510R0FKEA NXP-CRCW080510R0FKEA Datasheet
319Kb / 13P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 09/2018
CRCW080510R0FKEA NXP-CRCW080510R0FKEA Datasheet
571Kb / 14P
   RF LDMOS Wideband Integrated Power Amplifiers
CRCW080510R0FKEA NXP-CRCW080510R0FKEA Datasheet
207Kb / 13P
   Airfast RF Power GaN Transistor
Rev. 3 - November 2022
logo
Analog Technologies, In...
CRCW080510R0FKEAC ANALOGTECHNOLOGIES-CRCW080510R0FKEAC Datasheet
1Mb / 20P
   MagI3C Power Modules DNS005 MagI3C Multi Color LED Driver
V1.0
More results

Similar Description - CRCW080510R0F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2747 TI-LM2747_15 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
logo
National Semiconductor ...
LM2745 NSC-LM2745 Datasheet
1Mb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
logo
Texas Instruments
LM2745MTCX TI-LM2745MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
LM2748MTC TI1-LM2748MTC Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Delta Electronics, Inc.
DNL DELTA-DNL Datasheet
936Kb / 15P
   Pre-bias startup
DNT12SIP05 DELTA-DNT12SIP05 Datasheet
716Kb / 13P
   Pre-bias startup
logo
Texas Instruments
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com