Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NNL10-6 Datasheet(PDF) 6 Page - C&D Technologies

Part # NNL10-6
Description  Non-Isolated DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NNL10-6 Datasheet(HTML) 6 Page - C&D Technologies

  NNL10-6 Datasheet HTML 1Page - C&D Technologies NNL10-6 Datasheet HTML 2Page - C&D Technologies NNL10-6 Datasheet HTML 3Page - C&D Technologies NNL10-6 Datasheet HTML 4Page - C&D Technologies NNL10-6 Datasheet HTML 5Page - C&D Technologies NNL10-6 Datasheet HTML 6Page - C&D Technologies NNL10-6 Datasheet HTML 7Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
NNL10 SERIES
Non-Isolated DC/DC Converters
VIN = 4.75VDC VOUT = 3.3VDC IOUT = 10.0A
TYPICAL CHARACTERISTICS
VIN = 4.0VDC VOUT = 0.9VDC IOUT = 10.0A
START-UP FROM APPLICATION OF VIN
START-UP USING REMOTE ON/OFF
Response when remote on/off driven from an open collector output.
VIN = 4.0VDC VOUT = 3.3VDC IOUT Change = 50-100%
VIN = 4.0VDC VOUT = 3.3VDC IOUT Change = 100-50%
OUTPUT RIPPLE & NOISE
TRANSIENT RESPONSE


Similar Part No. - NNL10-6

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NNL10-6C MURATA-NNL10-6C Datasheet
788Kb / 8P
   Non-Isolated DC/DC Converters
More results

Similar Description - NNL10-6

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com