Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXG1166ER Datasheet(PDF) 6 Page - Sony Corporation

Part # CXG1166ER
Description  High Power 3 횞 5 Antenna Switch MMIC with Integrated Control Logic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1166ER Datasheet(HTML) 6 Page - Sony Corporation

  CXG1166ER Datasheet HTML 1Page - Sony Corporation CXG1166ER Datasheet HTML 2Page - Sony Corporation CXG1166ER Datasheet HTML 3Page - Sony Corporation CXG1166ER Datasheet HTML 4Page - Sony Corporation CXG1166ER Datasheet HTML 5Page - Sony Corporation CXG1166ER Datasheet HTML 6Page - Sony Corporation CXG1166ER Datasheet HTML 7Page - Sony Corporation CXG1166ER Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
– 6 –
CXG1166ER
Unit
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
µA
µA
Max.
–60
–60
–60
–60
–60
–60
–60
–60
–60
–60
–60
–60
–60
–60
–57
–57
–57
–57
–57
–57
–57
–65
–65
–65
–65
–65
–65
–65
350
30
Typ.
–70
–70
–75
–75
–70
–70
–70
–67
–67
–70
–67
–67
–67
–67
–70
–70
–70
–70
–70
–70
–70
–73
–73
–73
–73
–73
–73
–73
235
15
Min.
Condition
3
3
3
3, ∗4
3, ∗4
3, ∗4
3, ∗4
3
3
3
3, ∗4
3, ∗4
3, ∗4
3, ∗4
3
3
3
3, ∗4
3, ∗4
3, ∗4
3, ∗4
3
3
3
3, ∗4
3, ∗4
3, ∗4
3, ∗4
VDD = 3.0V
Vctl (H) = 3.0V
Port
Tx – Ext
Tx – Ant
Tx – Dup_In
Dup_Out – Ext (Main)
Dup_Out – Ext (Div)
Dup_Out – Ant (Main)
Dup_Out – Ant (Div)
Tx – Ext
Tx – Ant
Tx – Dup_In
Dup_Out – Ext (Main)
Dup_Out – Ext (Div)
Dup_Out – Ant (Main)
Dup_Out – Ant (Div)
Tx – Ext
Tx – Ant
Tx – Dup_In
Dup_Out – Ext (Main)
Dup_Out – Ext (Div)
Dup_Out – Ant (Main)
Dup_Out – Ant (Div)
Tx – Ext
Tx – Ant
Tx – Dup_In
Dup_Out – Ext (Main)
Dup_Out – Ext (Div)
Dup_Out – Ant (Main)
Dup_Out – Ant (Div)
Symbol
2fo
3fo
±50kHz
±100kHz
IDD
Ictl
Item
Harmonics
ACP
Bias current
Control current
1 Pin = 29.5dBm, 0/3V control, V
DD
= 2.7V to 3.5V, 1,429MHz to 1,453MHz
2 Pin = 10dBm, 0/3V control, V
DD
= 2.7V to 3.5V, 1,477MHz to 1,501MHz
3 π/4-shifted DQPSK, Pin = 29.5dBm, 0/3V control, V
DD
= 3.0V, 1,429MHz to 1,453MHz,
ACP (±50kHz) < – 70dBc, ACP (±100kHz) < – 75dBc, 2nd harmonics < – 75dBc, 3rd harmonics < – 75dBc
4 Rx terminal end is OPEN (Pattern cut).
5 Dup_Out terminal end is OPEN (Pattern cut).
(Ta = 25°C)


Similar Part No. - CXG1166ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1166AER SONY-CXG1166AER Datasheet
69Kb / 8P
   High Power 3 x 5 Antenna Switch MMIC with Integrated Control Logic
More results

Similar Description - CXG1166ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1131ER SONY-CXG1131ER Datasheet
72Kb / 7P
   High Power 3 횞 5 Antenna Switch MMIC with Integrated Control Logic
CXG1166AER SONY-CXG1166AER Datasheet
69Kb / 8P
   High Power 3 x 5 Antenna Switch MMIC with Integrated Control Logic
CXG1106EN SONY-CXG1106EN Datasheet
75Kb / 6P
   High Power 2 횞 4 Antenna Switch MMIC with Integrated Control Logic
CXG1127ER SONY-CXG1127ER Datasheet
70Kb / 7P
   High Power 5 횞 4 Antenna Switch MMIC with Integrated Control Logic for PDC Dual Phone
CXG1125ER SONY-CXG1125ER Datasheet
83Kb / 9P
   High Power 6 횞 4 Antenna Switch MMIC with Integrated Control Logic for PDC Full Packet
CXG1090EN SONY-CXG1090EN Datasheet
77Kb / 6P
   High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
CXG1064ATN SONY-CXG1064ATN Datasheet
94Kb / 8P
   High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
CXG1090TN SONY-CXG1090TN Datasheet
71Kb / 5P
   High Power 2 x 4 Antenna Switch MMIC with Integrated Control Logic
CXG1039TN SONY-CXG1039TN Datasheet
57Kb / 5P
   High Isolation Absorptive SPDT Switch MMIC with Integrated Control Logic
CXG1174UR SONY-CXG1174UR Datasheet
50Kb / 6P
   High Power SP3T Switch with Logic Control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com