Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NNL10-2 Datasheet(PDF) 1 Page - C&D Technologies

Part # NNL10-2
Description  Non-Isolated DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NNL10-2 Datasheet(HTML) 1 Page - C&D Technologies

  NNL10-2 Datasheet HTML 1Page - C&D Technologies NNL10-2 Datasheet HTML 2Page - C&D Technologies NNL10-2 Datasheet HTML 3Page - C&D Technologies NNL10-2 Datasheet HTML 4Page - C&D Technologies NNL10-2 Datasheet HTML 5Page - C&D Technologies NNL10-2 Datasheet HTML 6Page - C&D Technologies NNL10-2 Datasheet HTML 7Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
Industry Standard Footprint
Short Circuit Protection
High Efficiency
Under Voltage Lock Out
Output Voltage Trimming
Operating Temperature Range
–40°C to 85°C
SMD Construction
Optional DC OK Signal
Options available without Trim and
Remote Sense Functionality
DESCRIPTION
The NNL10 series is part of a range of non-
isolated, cost effective DC/DC converters
offering high precision output voltages from a
nominal 3.0–5.5 or 10.0–14.0 intermediate
bus where isolation is not required. Available
in both SMD and SIP mechanical formats.
Parameter
Conditions
MIN
TYP
MAX
Units
V
NOM = 4.0VDC VOUT < 2.75V
3.0
5.5
Voltage Range
V
NOM = 4.0VDC VOUT > 3.0V
4.0
5.5
V
Under Voltage
Turn On Threshold V
NOM = 4.0VDC
2.8
Lock Out
Turn Off Threshold V
NOM = 4.0VDC
2.7
V
Reflected Ripple
30
mA p-p
Current
Input No Load
VIN = 5.5V VOUT = 0.9V
100
mA
Current
VIN = 5.5V VOUT = 3.3V
140
Input Standby
VIN = 5.5V Module Disabled
1.5
mA
Current
INPUT CHARACTERISTICS1
OUTPUT CHARACTERISTICS1
1 Specifications typical at TA =25°C, nominal input voltage and rated output current unless otherwise specified.
Other customer specified options are available on request. Standard parts are supplied with Remote Sense and
Voltage Trim functions. Please contact your sales representative or C&D Technologies account manager for
further details.
NNL10 SERIES
Non-Isolated DC/DC Converters
Parameter
Conditions
MIN
TYP
MAX
Units
Rated Current
T
A = –40°C to 85°C
10.0
A
(see thermal performance characteristics)
Voltage Set
1.0
2.0
%
Point Accuracy
Line Regulation Low line to high line
0.5
1.0
%
Load Regulation 0% load to 100% load
0.55
%
Ripple & Noise BW = DC to 20MHz
25
50
mVp-p
Voltage Trim
-10
+10
%VOUT
Remote Sense
0.5
V
Transient
I
OUT = 5.0A–10.0A–5.0A, Peak Deviation
100
mV
Response
C
OUT = 1µF//10µF
Settling Time
70
µs
External Load
10,000
µF
Capaitance
www.cdpoweronline.com
SELECTION GUIDE1
Nominal
Output
Output
MAX
Nominal
Input
Voltage
Current
Output
Efficiency
Voltage
Power
Min
Full
Min
Load
Load
Order Code
V
V
A
A
W
%
NNL10-1
4.0
0.9
0
10.0
9.0
79.7
NNL10-2
4.0
1.0
0
10.0
10.0
81.8
NNL10-3
4.0
1.2
0
10.0
12.0
84.3
NNL10-4
4.0
1.5
0
10.0
15.0
86.5
NNL10-5
4.0
1.8
0
10.0
18.0
88.2
NNL10-6
4.0
2.0
0
10.0
20.0
89.2
NNL10-7
4.0
2.5
0
10.0
25.0
91.2
NNL10-8
4.0
3.3
0
10.0
33.0
92.1
NNL10-9
4.0
0.9
0
10.0
9.0
79.7
NNL10-10
4.0
1.0
0
10.0
10.0
81.8
NNL10-11
4.0
1.2
0
10.0
12.0
84.3
NNL10-12
4.0
1.5
0
10.0
15.0
86.5
NNL10-13
4.0
1.8
0
10.0
18.0
88.2
NNL10-14
4.0
2.0
0
10.0
20.0
89.2
NNL10-15
4.0
2.5
0
10.0
25.0
91.2
NNL10-16
4.0
3.3
0
10.0
33.0
92.1
1


Similar Part No. - NNL10-2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NNL10-2C MURATA-NNL10-2C Datasheet
788Kb / 8P
   Non-Isolated DC/DC Converters
More results

Similar Description - NNL10-2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com