Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM54HCT521J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HCT521J
Description  8-Channel TRI-STATE-R Multiplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HCT521J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HCT521J Datasheet HTML 1Page - National Semiconductor (TI) MM54HCT521J Datasheet HTML 2Page - National Semiconductor (TI) MM54HCT521J Datasheet HTML 3Page - National Semiconductor (TI) MM54HCT521J Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF9401
November 1995
MM54HCT251MM74HCT251
8-Channel TRI-STATE
Multiplexer
General Description
This 8-channel digital multiplexer with TRI-STATE outputs
utilizes advanced silicon-gate CMOS technology Along with
the high noise immunity and low power consumption of
standard CMOS integrated circuits it possesses the ability
to drive 10 LS-TTL loads The large output drive capability
and TRI-STATE feature make this part ideally suited for in-
terfacing with bus lines in a bus oriented system
This multiplexer features both true (Y) and complement (W)
outputs as well as a STROBE input The STROBE must be
at a low logic level to enable this device When the STROBE
input is high both outputs are in the high impedance state
When enabled address information on the data select in-
puts determines which data input is routed to the Y and W
outputs
MM54HCTMM74HCT devices are intended to interface be-
tween TTL and NMOS components and standard CMOS
devices These parts are also plug-in replacements for LS-
TTL devices and can be used to reduce power consumption
in existing designs
Features
Y
Typical propagation delay 20 ns
Y
Low quiescent current 40 mA maximum (74HCT Series)
Y
Low input current 1 mA maximum
Y
Fanout of 10 LS-TTL loads
Y
TTL input compatible
Connection and Logic Diagrams
Dual-in-Line Package
TLF9401 – 1
Top View
Order Number MM54HCT251 or MM74HCT251
Truth Table
Inputs
Outputs
Select
Strobe
Y
W
CBA
S
XXX
H
Z
Z
L
L
L
L
D0
D0
L
L
H
L
D1
D1
L
H
L
L
D2
D2
L
H
H
L
D3
D3
H
L
L
L
D4
D4
H
L
H
L
D5
D5
H
H
L
L
D6
D6
H
H
H
L
D7
D7
H e high logic level L e logic level
X e irrelevant Z e high impedance (off)
D0 D1
D7 e the level of the respective D input
TLF9401 – 2
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - MM54HCT521J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HCT573 NSC-MM54HCT573 Datasheet
127Kb / 6P
   TRI-STATE Octal D-Type Latch / TRI-STATE Octal D-Type Flip-Flop
MM54HCT573N NSC-MM54HCT573N Datasheet
127Kb / 6P
   TRI-STATE Octal D-Type Latch / TRI-STATE Octal D-Type Flip-Flop
MM54HCT573WM NSC-MM54HCT573WM Datasheet
127Kb / 6P
   TRI-STATE Octal D-Type Latch / TRI-STATE Octal D-Type Flip-Flop
MM54HCT574 NSC-MM54HCT574 Datasheet
127Kb / 6P
   TRI-STATE Octal D-Type Latch / TRI-STATE Octal D-Type Flip-Flop
MM54HCT574N NSC-MM54HCT574N Datasheet
127Kb / 6P
   TRI-STATE Octal D-Type Latch / TRI-STATE Octal D-Type Flip-Flop
More results

Similar Description - MM54HCT521J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HCT253 NSC-MM54HCT253 Datasheet
100Kb / 4P
   Dual 4-Channel TRI-STATE-R Multiplexer
MM74HC253 NSC-MM74HC253 Datasheet
121Kb / 4P
   Dual 4-Channel TRI-STATE Multiplexer
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
54F251ADM NSC-54F251ADM Datasheet
165Kb / 8P
   8-Input Multiplexer with TRI-STATE Outputs
54AC251 NSC-54AC251 Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
logo
Texas Instruments
54AC251 TI1-54AC251 Datasheet
146Kb / 9P
[Old version datasheet]   8-Input Multiplexer with TRI-STATE Output
logo
National Semiconductor ...
DM74LS353 NSC-DM74LS353 Datasheet
106Kb / 6P
   Dual 4-Input Multiplexer with TRI-STATE-R Outputs
DP8303A NSC-DP8303A Datasheet
112Kb / 6P
   8-Bit TRI-STATE-R Bidirectional Transceiver (Inverting)
logo
Texas Instruments
54F251A TI1-54F251A Datasheet
415Kb / 10P
[Old version datasheet]   54F251A 74F251A 8-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
DM54S251 NSC-DM54S251 Datasheet
121Kb / 6P
   TRI-STATE 1 of 8 Line Data Selector/Multiplexer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com