Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4796EUK-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4796EUK-T
Description  450mA/500mA Current-Limit Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4796EUK-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4796EUK-T Datasheet HTML 1Page - Maxim Integrated Products MAX4796EUK-T Datasheet HTML 2Page - Maxim Integrated Products MAX4796EUK-T Datasheet HTML 3Page - Maxim Integrated Products MAX4796EUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX4796EUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX4796EUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX4796EUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX4796EUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX4796EUK-T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX4795–MAX4798 family of switches feature inter-
nal current limiting to prevent damage to host devices
due to faulty load conditions. These analog switches
have a low 0.2
Ω on-resistance and operate from a 2.0V
to 4.5V input voltage range. They are available with guar-
anteed 450mA and 500mA current limits, making them
ideal for SDIO and other load-switching applications.
When the switch is on and a load is connected to the
port, a guaranteed blanking time of 14ms ensures the
transient voltages settle down. If after this blanking time,
the load current is greater than the current limit, the
MAX4795 and MAX4797 switches are turned off and
FLAG is issued to the microprocessor. The switch can be
turned on again by cycling the power or the ON input.
The MAX4796 and MAX4798 have an autoretry feature
where the switch turns off and issues a FLAG to the
microprocessor after the blanking time and then contin-
uously checks to see if the overload condition is pre-
sent. The switch remains on after the overload condition
disappears and FLAG deasserts.
The MAX4795–MAX4798 are available in tiny, space-
saving, 5-pin SOT23 and 6-pin TDFN (3mm x 3mm)
packages.
Applications
SDIO
PDAs and Palmtop Devices
Cell Phones
GPS Systems
Hand-Held Devices
Features
o Guaranteed Current Limit: 450mA and 500mA
o Thermal-Shutdown Protection
o Reverse-Current Protection
o 0.2Ω On-Resistance
o 14ms Guaranteed Blanking Time
o FLAG Function
o Autoretry (MAX4796/MAX4798)
o 80µA Supply Current
o 6µA Latchoff Current
(MAX4795/MAX4797)
o 0.01µA Shutdown Current
o +2V to +4.5V Supply Range
o Fast Current-Limit Response Time
o Tiny SOT23 and TDFN Packages
o UL Certification Pending
450mA/500mA Current-Limit Switches
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
+2.0V TO +4.5V
IN
OUT
FLAG
GND
ON
µP
TO SDIO PORT
MAX4795
MAX4796
MAX4797
MAX4798
Typical Operating Circuit
19-2944; Rev 0; 8/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX4795EUK-T
-40°C to +85°C
5 SOT23-5
AEDI
MAX4795ETT*
40°C to +85°C
6 TDFN-EP**
MAX4796EUK-T
-40°C to +85°C
5 SOT23-5
AEDJ
MAX4796ETT*
-40°C to +85°C
6 TDFN-EP**
MAX4797EUK-T
-40°C to +85°C
5 SOT23-5
AEDK
MAX4797ETT*
-40°C to +85°C
6 TDFN-EP**
MAX4798EUK-T
-40°C to +85°C
5 SOT23-5
AEDL
MAX4798ETT*
-40°C to +85°C
6 TDFN-EP**
GND
FLAG
15 OUT
IN
MAX4795
MAX4796
MAX4797
MAX4798
SOT23
TOP VIEW
2
34
ON
OUT
FLAG
16 ON
5 GND
IN
MAX4795
MAX4796
MAX4797
MAX4798
TDFN
2
34
N.C.
Pin Configurations
*Future product—contact factory for availability.
**EP = Exposed pad.
Selector Guide appears at end of data sheet.


Similar Part No. - MAX4796EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX479 MAXIM-MAX479 Datasheet
256Kb / 12P
   17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
Rev. 1; 11/98
MAX4790 MAXIM-MAX4790 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4790ETT MAXIM-MAX4790ETT Datasheet
325Kb / 12P
   200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
MAX4790ETT++ MAXIM-MAX4790ETT+ Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4790ETT++ MAXIM-MAX4790ETT+ Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
More results

Similar Description - MAX4796EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4772 MAXIM-MAX4772 Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX20314 MAXIM-MAX20314 Datasheet
653Kb / 14P
   500mA to 6A Adjustable Current-Limit Switches
Rev 0; 6/17
MAX20313 MAXIM-MAX20313_V01 Datasheet
715Kb / 14P
   500mA to 6A Adjustable Current-Limit Switches
2019
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
logo
Fitipower Integrated Te...
FP6866 FITIPOWER-FP6866 Datasheet
376Kb / 9P
   200mA Current-Limit Switches
logo
Maxim Integrated Produc...
MAX20313 MAXIM-MAX20313 Datasheet
667Kb / 14P
   Adjustable Current Limit (500mA to 6A)
Rev 0; 6/17
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com