Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2408AR Datasheet(PDF) 8 Page - Sony Corporation

Part # CXD2408AR
Description  Timing Generator for Progressive Scan CCD Image Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2408AR Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXD2408AR Datasheet HTML 4Page - Sony Corporation CXD2408AR Datasheet HTML 5Page - Sony Corporation CXD2408AR Datasheet HTML 6Page - Sony Corporation CXD2408AR Datasheet HTML 7Page - Sony Corporation CXD2408AR Datasheet HTML 8Page - Sony Corporation CXD2408AR Datasheet HTML 9Page - Sony Corporation CXD2408AR Datasheet HTML 10Page - Sony Corporation CXD2408AR Datasheet HTML 11Page - Sony Corporation CXD2408AR Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
– 8 –
CXD2408AR
XH1
RG
0.9VDD
0.1VDD
tfH1
trH1
trRG
tfRG
0.9VDD
0.1VDD
Symbol
trH1
tfH1
trRG
tfRG
XH1 rise time
XH1 fall time
RG rise time
RG fall time
2
2
2
2
ns
ns
ns
ns
Definition
Typ.
Unit
(VDD = 5.0V, Topr = 25°C, Load capacity of XH1 = 10pF, Load capacity of RG = 10pF)
Waveform Characteristics of XH1 and RG


Similar Part No. - CXD2408AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2408R SONY-CXD2408R Datasheet
487Kb / 30P
   Timing Generator for Progressive Scan CCD Image Sensor
More results

Similar Description - CXD2408AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2460R SONY-CXD2460R Datasheet
341Kb / 36P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2408R SONY-CXD2408R Datasheet
487Kb / 30P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD3611R SONY-CXD3611R Datasheet
429Kb / 49P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2434ATQ SONY-CXD2434ATQ Datasheet
521Kb / 26P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2437TQ SONY-CXD2437TQ Datasheet
590Kb / 33P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2457R SONY-CXD2457R Datasheet
380Kb / 37P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2434TQ SONY-CXD2434TQ Datasheet
1,013Kb / 27P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD3609R SONY-CXD3609R Datasheet
898Kb / 72P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD3607R SONY-CXD3607R Datasheet
381Kb / 39P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2424R SONY-CXD2424R Datasheet
806Kb / 31P
   Timing Generator for Progressive Scan CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com