Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VTC4-B3DC-12M800 Datasheet(PDF) 7 Page - Vectron International, Inc

Part # VTC4-B3DC-12M800
Description  Voltage Controlled Temperature Compensated Crystal Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VTC4-B3DC-12M800 Datasheet(HTML) 7 Page - Vectron International, Inc

  VTC4-B3DC-12M800 Datasheet HTML 1Page - Vectron International, Inc VTC4-B3DC-12M800 Datasheet HTML 2Page - Vectron International, Inc VTC4-B3DC-12M800 Datasheet HTML 3Page - Vectron International, Inc VTC4-B3DC-12M800 Datasheet HTML 4Page - Vectron International, Inc VTC4-B3DC-12M800 Datasheet HTML 5Page - Vectron International, Inc VTC4-B3DC-12M800 Datasheet HTML 6Page - Vectron International, Inc VTC4-B3DC-12M800 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
VTC4 Data Sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail vectron@vectron.com
7
Ordering Information
Table 8. Standard Frequency List
10.000
12.504
12.800
13.000
13.568
14.000
14.31818
14.4844
14.7456
15.000
16.000
16.325291
16.367667
16.396
16.800
17.500
18.414
19.200
19.440
19.680
19.800
20.000
21.250
23.104
24.000
24.5535
25.000
25.600
27.456
VTC4 -
-
Product Family
Output Frequency
TCXO, 5x3.2
In MHz
Voltage Options
Temperature Options
A: +5.0 Vdc ±5%, Clipped Sine Output
A: 0 to 55°C
B: +3.3 Vdc ±5%, Clipped Sine Output
B: -10 to 60°C
C: +3.0 Vdc ±5%, Clipped Sine Output
C: -20 to 70°C
D: +2.8 Vdc ±5%, Clipped Sine Output
D: -30 to 80°C
E: -40 to 85°C
Pulling Range
0: Fixed TCXO, no adjust
Stability Options
1: ±5ppm
A: ±0.5ppm
2: ±8ppm
1: ±1.0ppm
3: ±10ppm
B: ±1.5ppm
4: ±15ppm
2: ±2.0ppm
5: ±20ppm
C: ±2.5ppm
3: ±3.0 ppm
Note: Not all combinations are available:
D: ±3.5ppm
±0.5 ppm is available over 0 / 55 °C, and on a case by case basis for -10/60C. 4: ±4.0ppm
±1.0 ppm to ±5.0 ppm is available on all temperature ranges
5: ±5.0ppm
www.vectron.com
December 29, 2005
For Additional Information, Please Contact:
USA: Vectron International
• 267 Lowell Road, Hudson, NH 03051
• Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
EUROPE: Landstrasse, D-74924, Neckarbischofsheim, Germany
Tel: 49 (0) 7268 8010
• Fax: 49 (0) 7268 801281
ASIA: Vectron Asia Pacific Sales 1F~2F. No.8 Workshop No.308 Fenju Rd.,
WaiGaoQiao Free Trade Zone, Pudong New Area Shanghai, China 200131
•Tel: 8621 50480777 • Fax: 8621 50481881
B
B
0
C
12M800
2
B


Similar Part No. - VTC4-B3DC-12M800

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VTC4 VECTRON-VTC4 Datasheet
440Kb / 7P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
VITALCONN ELECTRONICS H...
VTC402011882-A VITALCONN-VTC402011882-A Datasheet
381Kb / 2P
   SIM H=1.8 LCP vinyl terminal C5191 shell stainless steel
REV: A
VTC402012992 VITALCONN-VTC402012992 Datasheet
273Kb / 1P
   Under the board SD NO PUSH external welding H=3.0 LCP vinyl terminal C5191 shell stainless steel
REV: A
VTC402013032-A VITALCONN-VTC402013032-A Datasheet
352Kb / 2P
   NANO SIM CARD flip cover H=1.40 LCP vinyl terminal C5191 shell stainless steel
REV: A
VTC402013062 VITALCONN-VTC402013062 Datasheet
518Kb / 2P
   Micro SIM H=1.8 LP vinyl terminal C5191 shell stainless steel
REV: A
More results

Similar Description - VTC4-B3DC-12M800

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-12 ABRACON-ASTX-12 Datasheet
2Mb / 2P
   TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
03.01.07
ASVTX-09 ABRACON-ASVTX-09 Datasheet
154Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.03.07
logo
RF Monolithics, Inc
XVT9009 RFM-XVT9009 Datasheet
564Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9006 RFM-XVT9006 Datasheet
453Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASVTX-09 ABRACON-ASVTX-09_07 Datasheet
155Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
logo
Vectron International, ...
VTC1 VECTRON-VTC1 Datasheet
202Kb / 9P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CVT32 CRYSTEKCRYSTAL-CVT32_15 Datasheet
74Kb / 1P
   Temperature Compensated Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VTC21 VECTRON-VTC21 Datasheet
187Kb / 6P
   Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com