Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VVC1-ANE-19.440 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VVC1-ANE-19.440
Description  Voltage Controlled Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VVC1-ANE-19.440 Datasheet(HTML) 1 Page - Vectron International, Inc

  VVC1-ANE-19.440 Datasheet HTML 1Page - Vectron International, Inc VVC1-ANE-19.440 Datasheet HTML 2Page - Vectron International, Inc VVC1-ANE-19.440 Datasheet HTML 3Page - Vectron International, Inc VVC1-ANE-19.440 Datasheet HTML 4Page - Vectron International, Inc VVC1-ANE-19.440 Datasheet HTML 5Page - Vectron International, Inc VVC1-ANE-19.440 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vectron International 267 Lowell Road, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VVC1/VVC2
Voltage Controlled Crystal Oscillator
The VVC1 Voltage Controlled Crystal Oscillator
Features
• VCXO with a CMOS output
• Small 5.0 X 7.0 X 1.8 mm package
• Output frequencies to 66 MHz
• 5.0 or 3.3 V operation
• Low Jitter < 6 pS rms, f
o>12MHz
• Tri-State Output for test and board debug
• 0/70 or –40/85 °C operating temperature
Hermetically sealed ceramic SMD package
• Product is compliant to RoHS directive
and fully compatible with lead free assembly
Applications
• SONET/SDH/DWDM
• Ethernet, Gigabit Ethernet
• xDSL/PCMCIA cards
Digital Video
Broadband Access
Description
Vectron’s VVC1 Voltage Controlled Crystal
Oscillator (VCXO) is a quartz stabilized square
wave generator with a CMOS output and is tested
at CMOS and TTL (5.0 volt operation) logic levels.
The VVC1 uses fundamental crystals resulting in
low jitter performance and a monolithic IC which
improves reliability and reduces cost.
Vc
fO
Output
Buffer /
Tri-state
Input
Buffer
ESD Diodes


Similar Part No. - VVC1-ANE-19.440

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VVC1-BGE VECTRON-VVC1-BGE Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VVC1-ANE-19.440

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com