Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS246H2 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # TFS246H2
Description  SAW filter specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS246H2 Datasheet(HTML) 4 Page - Vectron International, Inc

  TFS246H2 Datasheet HTML 1Page - Vectron International, Inc TFS246H2 Datasheet HTML 2Page - Vectron International, Inc TFS246H2 Datasheet HTML 3Page - Vectron International, Inc TFS246H2 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TELE FILTER tft GmbH
SAW filter specification
TFS 246 H2
4/4
_________________________________________________________________________________________________________
Air reflow temperature conditions
1st and 2nd air reflow profile
Name:
pre-heating periods
main-heating periods
peak temperature
Temperature:
150 °C - 170 °C
over 200 °C
255 °C ± 5 °C
Time:
60 sec. - 90 sec.
20 sec. - 25 sec.
Chip-mount air reflow profile
time / sec.
0
20
40
60
80
100
120
140
160
180
200
220
240
260
0
20
40
60
80
100
120
140
160
180
200
220
240
Table for temperature vs. time during the air reflow process
Tolerance of temperatures: ± 5 °C
time / sec.
temperature / °C
time / sec.
temperature / °C
0
23
140
160
10
34
150
161
20
46
160
164
30
60
170
170
40
80
180
180
50
103
190
205
60
121
195
230
70
134
200
255
80
143
205
230
90
150
210
205
100
154
215
180
110
156
220
165
120
158
230
140
130
159
240
120
_________________________________________________________________________________________________________
TELE FILTER tft GmbH / Potsdamer Straße 18 / D 14 513 TELTOW
Phone: +49 3328 4784 52 / Facsimile: +49 3328 4784 30 / e-mail: tft@tft.telco-tech.de


Similar Part No. - TFS246H2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS246H VECTRON-TFS246H Datasheet
55Kb / 4P
   SAW filter specification
TFS246H VECTRON-TFS246H Datasheet
169Kb / 5P
   Filter specification
TFS246H4 VECTRON-TFS246H4 Datasheet
152Kb / 5P
   Filter Specification
TFS246H5 VECTRON-TFS246H5 Datasheet
162Kb / 5P
   Filter Specification
TFS246H VECTRON-TFS246H_05 Datasheet
169Kb / 5P
   Filter specification
More results

Similar Description - TFS246H2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS248B VECTRON-TFS248B Datasheet
52Kb / 4P
   SAW filter specification
TFS270A1 VECTRON-TFS270A1 Datasheet
54Kb / 4P
   SAW filter specification
TFS101 VECTRON-TFS101 Datasheet
55Kb / 4P
   SAW-Filter Specification
TFS460B VECTRON-TFS460B Datasheet
48Kb / 4P
   SAW filter specification
TFS241A VECTRON-TFS241A Datasheet
48Kb / 4P
   SAW filter specification
TFS195 VECTRON-TFS195 Datasheet
53Kb / 5P
   SAW Filter Specification
TFS276 VECTRON-TFS276 Datasheet
52Kb / 4P
   SAW filter specification
TFS400B VECTRON-TFS400B Datasheet
50Kb / 5P
   SAW Filter Specification
TFS400C2 VECTRON-TFS400C2 Datasheet
80Kb / 5P
   SAW Filter Specification
TFS360C VECTRON-TFS360C Datasheet
55Kb / 4P
   SAW Filter Specification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com