Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VTC4-D1AC-12M800 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VTC4-D1AC-12M800
Description  Voltage Controlled Temperature Compensated Crystal Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VTC4-D1AC-12M800 Datasheet(HTML) 2 Page - Vectron International, Inc

  VTC4-D1AC-12M800 Datasheet HTML 1Page - Vectron International, Inc VTC4-D1AC-12M800 Datasheet HTML 2Page - Vectron International, Inc VTC4-D1AC-12M800 Datasheet HTML 3Page - Vectron International, Inc VTC4-D1AC-12M800 Datasheet HTML 4Page - Vectron International, Inc VTC4-D1AC-12M800 Datasheet HTML 5Page - Vectron International, Inc VTC4-D1AC-12M800 Datasheet HTML 6Page - Vectron International, Inc VTC4-D1AC-12M800 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VTC4 Data Sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
Performance Characteristics
Table 1. Electrical Performance for the Clipped Sine Wave Output Option
Parameter
Symbol
Min
Typical
Maximum
Units
Frequency
fO
10.000
27.000
MHz
Typical Supply Voltage
Ordering option, see last page
2.8V, 3.0V, 3.3V or 5.0V
Supply Current
10.000 MHz to < 15.000 MHz
15.000 MHz to 27.00 MHz
IDD
1.5
2.0
mA
Output Level
Vp/p
0.8
V
Output Load
10K II 10pf
Control Voltage Impedance
ZVc
1
Mohm
Control Voltage to reach pull
All options (5.0, 3.3,3.0 and 2.8V)
0.5
2.5
V
Pull Range
Ordering option, see last page
TPR
±5, ±8, ±10, ±15 or ±20
ppm
Temperature Stability
Ordering option, see last page.
±0.5 to ±5.0
ppm
Initial Accuracy, “No Adjust” option
±0.5
ppm
Power Supply Stability
±0.2
ppm
Load Stability
±0.2
ppm
Aging
±1.0
ppm/year
Operating temperature
Ordering option, see last page
0/55, -10/60, -20/70, -30/80, -40/85
°C
Phase Noise, 12.800MHz
10 Hz offset
100 Hz offset
1 kHz offset
10 kHz offset
100 kHz offset
5MHz offset
-89
-113
-137
-150
-155
-156
dBc/Hz
Start-up time
2
ms
1. A 0.01uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground) is recommended.


Similar Part No. - VTC4-D1AC-12M800

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VTC4 VECTRON-VTC4 Datasheet
440Kb / 7P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
VITALCONN ELECTRONICS H...
VTC402011882-A VITALCONN-VTC402011882-A Datasheet
381Kb / 2P
   SIM H=1.8 LCP vinyl terminal C5191 shell stainless steel
REV: A
VTC402012992 VITALCONN-VTC402012992 Datasheet
273Kb / 1P
   Under the board SD NO PUSH external welding H=3.0 LCP vinyl terminal C5191 shell stainless steel
REV: A
VTC402013032-A VITALCONN-VTC402013032-A Datasheet
352Kb / 2P
   NANO SIM CARD flip cover H=1.40 LCP vinyl terminal C5191 shell stainless steel
REV: A
VTC402013062 VITALCONN-VTC402013062 Datasheet
518Kb / 2P
   Micro SIM H=1.8 LP vinyl terminal C5191 shell stainless steel
REV: A
More results

Similar Description - VTC4-D1AC-12M800

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-12 ABRACON-ASTX-12 Datasheet
2Mb / 2P
   TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
03.01.07
ASVTX-09 ABRACON-ASVTX-09 Datasheet
154Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.03.07
logo
RF Monolithics, Inc
XVT9009 RFM-XVT9009 Datasheet
564Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9006 RFM-XVT9006 Datasheet
453Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASVTX-09 ABRACON-ASVTX-09_07 Datasheet
155Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
logo
Vectron International, ...
VTC1 VECTRON-VTC1 Datasheet
202Kb / 9P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CVT32 CRYSTEKCRYSTAL-CVT32_15 Datasheet
74Kb / 1P
   Temperature Compensated Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VTC21 VECTRON-VTC21 Datasheet
187Kb / 6P
   Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com