Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS28F400AEB90BDBJL Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS28F400AEB90BDBJL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F400AEB90BDBJL Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS28F400AEB90BDBJL Datasheet HTML 3Page - Texas Instruments TMS28F400AEB90BDBJL Datasheet HTML 4Page - Texas Instruments TMS28F400AEB90BDBJL Datasheet HTML 5Page - Texas Instruments TMS28F400AEB90BDBJL Datasheet HTML 6Page - Texas Instruments TMS28F400AEB90BDBJL Datasheet HTML 7Page - Texas Instruments TMS28F400AEB90BDBJL Datasheet HTML 8Page - Texas Instruments TMS28F400AEB90BDBJL Datasheet HTML 9Page - Texas Instruments TMS28F400AEB90BDBJL Datasheet HTML 10Page - Texas Instruments TMS28F400AEB90BDBJL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
block memory maps (continued)
7FFFFh
7C000h
7BFFFh
7A000h
79FFFh
78000h
77FFFh
60000h
5FFFFh
40000h
3FFFFh
20000h
1FFFFh
00000h
Address
Range
Boot Block
16K Addresses
Parameter Block
8K Addresses
Parameter Block
8K Addresses
Main Block
96K Addresses
Main Block
128K Addresses
8-Bit Configuration
DQ15/A –1 Is LSB Address
3FFFFh
3E000h
3DFFFh
3D000h
3CFFFh
3C000h
3BFFFh
30000h
2FFFFh
20000h
1FFFFh
10000h
0FFFFh
00000h
Address
Range
Boot Block
8K Addresses
Parameter Block
4K Addresses
Parameter Block
4K Addresses
Main Block
48K Addresses
Main Block
64K Addresses
16-Bit
Configuration
A0 Is LSB Address
Main Block
128K Addresses
Main Block
64K Addresses
Main Block
128K Addresses
Main Block
64K Addresses
NOTE A: The TMS28F004AxT is mapped the same as the 8-bit configuration of the TMS28F400AxT except that the LSB is A0.
Figure 1. TMS28F400AxT ( Top Boot Block ) Memory Map (See Note A)
7FFFFh
60000h
5FFFFh
40000h
3FFFFh
20000h
1FFFFh
08000h
07FFFh
06000h
05FFFh
04000h
03FFFh
00000h
Address
Range
Main Block
128K Addresses
Main Block
128K Addresses
Main Block
128K Addresses
Parameter Block
8K Addresses
Boot Block
16K Addresses
8-Bit Configuration
DQ15/A –1 Is LSB Address
3FFFFh
30000h
2FFFFh
20000h
1FFFFh
10000h
0FFFFh
04000h
03FFFh
03000h
02FFFh
02000h
01FFFh
00000h
Address
Range
Main Block
64K Addresses
Main Block
64K Addresses
Main Block
64K Addresses
Parameter Block
4K Addresses
Boot Block
8K Addresses
16-Bit
Configuration
A0 Is LSB Address
Parameter Block
8K Addresses
Parameter Block
4K Addresses
Main Block
96K Addresses
Main Block
48K Addresses
NOTE A: The TMS28F004AxB is mapped the same as the 8-bit configuration of the TMS28F400AxB except that the LSB is A0.
Figure 2. TMS28F400AxB (Bottom Boot Block ) Memory Map (See Note A)


Similar Part No. - TMS28F400AEB90BDBJL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F400AEB TI1-TMS28F400AEB Datasheet
1Mb / 80P
[Old version datasheet]   AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results

Similar Description - TMS28F400AEB90BDBJL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F004AEB TI1-TMS28F004AEB Datasheet
1Mb / 80P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AXY TI-TMS28F002AXY Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS28F400BZT TI-TMS28F400BZT Datasheet
404Kb / 29P
[Old version datasheet]   8-BIT/262144 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS29F800T TI-TMS29F800T Datasheet
685Kb / 51P
[Old version datasheet]   1048576 BY 8-BIT/ 524288 BY 16-BIT FLASH MEMORIES
TMS28F008AEB TI1-TMS28F008AEB Datasheet
696Kb / 52P
[Old version datasheet]   1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F008AXY TI-TMS28F008AXY Datasheet
714Kb / 52P
[Old version datasheet]   1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS29F002B TI1-TMS29F002B Datasheet
453Kb / 38P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS29F002RB TI1-TMS29F002RB Datasheet
517Kb / 41P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com