Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSCQ0965RTYDTU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSCQ0965RTYDTU
Description  Green Mode Fairchild Power Switch (FPS TM)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCQ0965RTYDTU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSCQ0965RTYDTU Datasheet HTML 1Page - Fairchild Semiconductor FSCQ0965RTYDTU Datasheet HTML 2Page - Fairchild Semiconductor FSCQ0965RTYDTU Datasheet HTML 3Page - Fairchild Semiconductor FSCQ0965RTYDTU Datasheet HTML 4Page - Fairchild Semiconductor FSCQ0965RTYDTU Datasheet HTML 5Page - Fairchild Semiconductor FSCQ0965RTYDTU Datasheet HTML 6Page - Fairchild Semiconductor FSCQ0965RTYDTU Datasheet HTML 7Page - Fairchild Semiconductor FSCQ0965RTYDTU Datasheet HTML 8Page - Fairchild Semiconductor FSCQ0965RTYDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
3
www.fairchildsemi.com
FSCQ-Series Rev. 1.1.2
Internal Block Diagram
Figure 2. Functional Block Diagram of FSCQ-Series
9V/15V
3
1
2
4
Auxiliary
Vref
Main Bias
S
Q
Q
R
OSC
VCC
Vref
Vref
Idelay
IFB
VSD
TSD
Vovp
Sync
Vocp
S
Q
Q
R
R
2.5R
VCC good
VCC good
(VCC = 9V)
Vcc
Drain
VFB
GND
AOCP
Gate
Driver
LEB
600ns
PWM
Soft Start
Internal
Bias
VBurst
IB
Vref
IBFB
Burst Mode
Controller
Normal Operation
Normal
Operation
Burst Switching
5
Sync
Quasi-Resonant
(QR) Switching
Controller
+
-
+
-
S
Q
Q
R
Power Off Reset (VCC = 6V)
4.6V/2.6V: Normal QR
3.0V/1.8V: Extended QR
fs
Threshold


Similar Part No. - FSCQ0965RTYDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCQ0965RTYDTU FAIRCHILD-FSCQ0965RTYDTU Datasheet
1Mb / 44P
   Green Mode Fairchild Power Switch (FPS)
FSCQ0965RTYDTU FAIRCHILD-FSCQ0965RTYDTU Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS??
More results

Similar Description - FSCQ0965RTYDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDH321 FAIRCHILD-FSDH321 Datasheet
914Kb / 20P
   Green Mode Fairchild Power Switch (FPS TM)
FSDM311 FAIRCHILD-FSDM311_06 Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS TM)
FSQ211 FAIRCHILD-FSQ211 Datasheet
803Kb / 13P
   Green Mode Fairchild Power Switch (FPS TM)
FS7M0880 FAIRCHILD-FS7M0880 Datasheet
1Mb / 18P
   Fairchild Power Switch(FPS TM)
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com