Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSCQ1265RT Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSCQ1265RT
Description  Green Mode Fairchild Power Switch (FPS TM)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCQ1265RT Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSCQ1265RT Datasheet HTML 1Page - Fairchild Semiconductor FSCQ1265RT Datasheet HTML 2Page - Fairchild Semiconductor FSCQ1265RT Datasheet HTML 3Page - Fairchild Semiconductor FSCQ1265RT Datasheet HTML 4Page - Fairchild Semiconductor FSCQ1265RT Datasheet HTML 5Page - Fairchild Semiconductor FSCQ1265RT Datasheet HTML 6Page - Fairchild Semiconductor FSCQ1265RT Datasheet HTML 7Page - Fairchild Semiconductor FSCQ1265RT Datasheet HTML 8Page - Fairchild Semiconductor FSCQ1265RT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
5
www.fairchildsemi.com
FSCQ-Series Rev. 1.1.2
Absolute Maximum Ratings
(TA = 25°C, unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain Pin Voltage
VDS
650
V
Supply Voltage
VCC
20
V
Analog Input Voltage Range
Vsync
-0.3 to 13V
V
VFB
-0.3 to VCC
V
Drain Current Pulsed4
IDM
FSCQ0565RT
11.2
A
FSCQ0765RT
15.2
FSCQ0965RT
16.4
FSCQ1265RT
21.2
FSCQ1465RT
22
FSCQ1565RT
26.4
FSCQ1565RP
33.2
Continuous Drain Current (Tc = 25
°C)
(Tc: Case Back Surface Temperature)
ID
FSCQ0565RT
2.8
A(rms)
FSCQ0765RT
3.8
FSCQ0965RT
4.1
FSCQ1265RT
5.3
FSCQ1465RT
5.5
FSCQ1565RT
6.6
FSCQ1565RP
8.3
Continuous Drain Current* (TDL = 25°C)
(TDL:Drain Lead Temperature)
ID*
FSCQ0565RT
5
A(rms)
FSCQ0765RT
7
FSCQ0965RT
7.6
FSCQ1265RT
11
FSCQ1465RT
12
FSCQ1565RT
13.3
FSCQ1565RP
15
Continuous Drain Current (TC = 100°C)
ID
FSCQ0565RT
1.7
A(rms)
FSCQ0765RT
2.4
FSCQ0965RT
2.6
FSCQ1265RT
3.4
FSCQ1465RT
3.5
FSCQ1565RT
4.4
FSCQ1565RP
5.5
Single-Pulsed Avalanche Energy5
EAS
FSCQ0565RT
400
mJ
FSCQ0765RT
570
FSCQ0965RT
630
FSCQ1265RT
950
FSCQ1465RT
1000
FSCQ1565RT
1050
FSCQ1565RP
1050


Similar Part No. - FSCQ1265RT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCQ1265RT FAIRCHILD-FSCQ1265RT Datasheet
726Kb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
FSCQ1265RT FAIRCHILD-FSCQ1265RT Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
FSCQ1265RT FAIRCHILD-FSCQ1265RT Datasheet
1Mb / 44P
   Green Mode Fairchild Power Switch (FPS)
FSCQ1265RT FAIRCHILD-FSCQ1265RT Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS??
FSCQ1265RTYDTU FAIRCHILD-FSCQ1265RTYDTU Datasheet
1Mb / 44P
   Green Mode Fairchild Power Switch (FPS)
More results

Similar Description - FSCQ1265RT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDH321 FAIRCHILD-FSDH321 Datasheet
914Kb / 20P
   Green Mode Fairchild Power Switch (FPS TM)
FSDM311 FAIRCHILD-FSDM311_06 Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS TM)
FSQ211 FAIRCHILD-FSQ211 Datasheet
803Kb / 13P
   Green Mode Fairchild Power Switch (FPS TM)
FS7M0880 FAIRCHILD-FS7M0880 Datasheet
1Mb / 18P
   Fairchild Power Switch(FPS TM)
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com