Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VVC1-F1F-14.318 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VVC1-F1F-14.318
Description  Voltage Controlled Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VVC1-F1F-14.318 Datasheet(HTML) 6 Page - Vectron International, Inc

  VVC1-F1F-14.318 Datasheet HTML 1Page - Vectron International, Inc VVC1-F1F-14.318 Datasheet HTML 2Page - Vectron International, Inc VVC1-F1F-14.318 Datasheet HTML 3Page - Vectron International, Inc VVC1-F1F-14.318 Datasheet HTML 4Page - Vectron International, Inc VVC1-F1F-14.318 Datasheet HTML 5Page - Vectron International, Inc VVC1-F1F-14.318 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
VVC1 Voltage Controlled Crystal Oscillator
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
Standard Frequencies (MHz)
1.544
2.048
4.096
8.192
10.000
12.000
12.288
12.352
13.000
14.318
15.440
16.000
16.384
18.432
19.440
20.000
20.480
24.576
24.704
27.000
30.000
32.000
32.768
34.368
35.328
38.880
40.000
40.960
44.736
51.840
52.000
62.208
65.536
Other frequencies may be available upon request. Standard frequencies are frequencies which the crystal has been designed
and does not imply a stock position.
Ordering Information
VVC1-BGE – xxMxxx
Product Family
Frequency
VC=VCXO
example: 44M736= 44.736MHz
Package
Temperature Range/Stability(for TPR)
5x7x2
B: 0/70 C, ±50 ppm
TriState
D: -40/85 C, ±50 ppm
1=Pin 5
E: 0/70 C, ±25 ppm
2=Pin 2
F: -40/85C, ±25 ppm
Power Supply, Linearity
Absolute Pull Range
A: 5.0V , 20% Linearity
G: ±50 ppm APR
B: 3.3V, 20% Linearity
N: ±80 ppm APR
C: 5.0V, 10% Linearity
H: ±100 ppm APR
F: 3.3V, 10% Linearity
or Total Pull Range
1: ±50 ppm
2: ±100 ppm
3: ±150 ppm
NOTE: Not all combinations of options are available. Higher frequencies have less pull capability, especially at +3.3 volts
supply, and higher pull can result in 20% linearity instead of 10%. Consult factory or your local sales representative with
application requirements .
www.vectron.com
Vectron International reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed
as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
VVC1 (June 26 2005)
For Additional Information, Please Contact:
USA: Vectron International
• 267 Lowell Road, Hudson, NH 03051
• Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
EUROPE: VI Telefilter · Potsdamer Straße 18, 14513 Teltow, Germany
Tel: 49 (0) 3328 4784 17 • Fax: 49 (0) 3328 4784 30
ASIA: Vectron Asia Pacific Sales 1F~2F. No.8 Workshop No.308 Fenju Rd., WaiGaoQiao
Free Trade Zone, Pudong New Area Shanghai, China 200131
•Tel: 8621 50480777 • Fax: 8621 50481881


Similar Part No. - VVC1-F1F-14.318

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VVC1-BGE VECTRON-VVC1-BGE Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VVC1-F1F-14.318

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com